công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4550BVHX bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM4550BVHX
Giải thích chi tiết về linh kiện  LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4550BVHX bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM4550BVHX Datasheet HTML 1Page - Texas Instruments LM4550BVHX Datasheet HTML 2Page - Texas Instruments LM4550BVHX Datasheet HTML 3Page - Texas Instruments LM4550BVHX Datasheet HTML 4Page - Texas Instruments LM4550BVHX Datasheet HTML 5Page - Texas Instruments LM4550BVHX Datasheet HTML 6Page - Texas Instruments LM4550BVHX Datasheet HTML 7Page - Texas Instruments LM4550BVHX Datasheet HTML 8Page - Texas Instruments LM4550BVHX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LM4550B
www.ti.com
SNAS276F – MAY 2005 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
ESD Susceptibility(3)
2000V
pin 3
750V
ESD Susceptibility(4)
200V
pin 3
100V
Junction Temperature
150°C
Vapor Phase (60 sec.)
215°C
Soldering Information
LQFP Package
Infrared (15 sec.)
220°C
θJA (typ) – PT
74°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(4)
Machine Model, 220 pF – 240 pF discharged through all pins.
Operating Ratings
Temperature Range
−40°C ≤ TA ≤ 85°C
TMIN ≤ TA ≤ TMAX
(1)
Analog Supply Range
4.2V
≤ AVDD ≤ 5.5V
Digital Supply Range
3.0V
≤ DVDD ≤ 5.5V
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX– TA)/θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4550B, TJMAX = 150°C. The typical junction-to-ambient thermal resistance is 74°C/W for package number
PT.
Electrical Characteristics
(1) (2)
The following specifications apply for AVDD = 5V, DVDD = 3.3V, Fs = 48 kHz, single codec configuration, (primary mode)
unless otherwise noted. Limits apply for TA= 25°C. The reference for 0 dB is 1 Vrms unless otherwise specified.
LM4550B
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
4.2
V (min)
AVDD
Analog Supply Range
5.5
V (max)
3.0
V (min)
DVDD
Digital Supply Range
5.5
V (max)
DIDD
Digital Quiescent Power Supply Current
DVDD = 5 V
34
mA
DVDD = 3.3 V
19
mA
Analog Quiescent Power Supply
AIDD
AVDD = 5 V
53
mA
Current
IDSD
Digital Shutdown Current
PR6543210 = 1111111
19
µA
IASD
Analog Shutdown Current
PR6543210 = 1111111
70
µA
VREF
Reference Voltage
No pullup resistor
2.16
V
PSRR
Power Supply Rejection Ratio
40
dB
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4550B


Số phần tương tự - LM4550BVHX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4550BVHX/NOPB TI1-LM4550BVHX/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
More results

Mô tả tương tự - LM4550BVHX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Texas Instruments
LM4546A TI1-LM4546A Datasheet
660Kb / 32P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Texas Instruments
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
Wolfson Microelectronic...
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
   AC 97 Revision 2.1 Audio CODEC with SPDIF Output
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com