công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WZ12C bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện WZ12C
Giải thích chi tiết về linh kiện  METRAport 3A Folding Analog Multimeter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

WZ12C bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  WZ12C Datasheet HTML 1Page - List of Unclassifed Manufacturers WZ12C Datasheet HTML 2Page - List of Unclassifed Manufacturers WZ12C Datasheet HTML 3Page - List of Unclassifed Manufacturers WZ12C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GOSSEN METRAWATT GMBH
3
METRAport3A
Folding Analog Multimeter
Fuses
Ranges to 1 A and
FF 1.6A/600V, 6 mm x 32 mm in
combination with rectifier diodes for the
10 µA ... 1 A and
Ω x1 ... kΩ x10 ranges,
switching capacity: 50 kA at 600 V~
10 A range
FF 16A/600V AC, 6 mm x 32 mm,
switching capacity: 50 kA at 600 V~
Electrical Safety
Safety class
II per IEC/EN 61010-1:2001/VDE 0411-
1:2002
Measuring category
II
III
Operating voltage
600 V
300 V
Fouling factor
2
Test voltage
3.5 kV~ per IEC/EN 61010-1:2001/
VDE 0411-1:2002
Electromagnetic Compatibility (EMC)
Interference emission EN 61326:2002 class B
Interference immunity EN 61326:2002
IEC 61000-4-2:1995/A1:1998,
Feature B
8 kV atmospheric discharge
4 kV contact discharge
IEC 61000-4-3:1995/A1:1998,
Feature B
3 V/m
Mechanical Design
Protection
Housing: IP 40, connector jacks: IP 20
Dimensions
146 x 118 x 44 mm (folded closed)
Weight
approx. 0.45 kg without battery
Standard Equipment
1multimeter
1
9 V battery
1
KS17 measurement cable
1
set operating instructions
Order Information
For additional information regarding accessories please see:
Measuring Instruments and Testers catalog
www.gossenmetrawatt.com
Accessories
SM16 Current Measuring Adapter
HV3 High-Voltage Probe
HV30 High-Voltage Probe
Description
Type
Article Number
Folding analog multimeter for
demanding requirements
METRAport3A
M113A
Consumable Materials
Fuse link (shipped in package of 10) FF(UR)1.6A/700V AC
Z109E
Fuse link (shipped in package of 10) FF(UR)16A/600V AC
Z109A
Accessories
Carrying pouch
F822
GTY 3172 095 P01
Current measuring adapter for safe,
trouble-free measurement of current
consumption via the mains plug of
connected power consumers
SM16
GTM 9070190E0002
High-voltage probe, 3 kV/3 V, ,
also suitable as low pass filter for
frequency converter signals
HV3
GTZ 3431 001R0011
High-voltage probe,
30 kV / 30 V DC, For safe measure-
ment of direct voltage of up to 30 kV HV30
GTZ 3431 001R0001
Temperature probes with integrated
or plug-on sensors (see Measuring
Instruments and Testers catalog)
Z3431...
GTZ 3431...


Số phần tương tự - WZ12C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
WZ140376WT75236BJ1 VISHAY-WZ140376WT75236BJ1 Datasheet
107Kb / 6P
   Watercooled RF Power Pot Capacitors Internal Cooling System
Revision: 11-Sep-15
WZ140376WT75236BJ2 VISHAY-WZ140376WT75236BJ2 Datasheet
107Kb / 6P
   Watercooled RF Power Pot Capacitors Internal Cooling System
Revision: 11-Sep-15
More results

Mô tả tương tự - WZ12C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ASM GmbH
3030-10 ASM-SENSOR-3030-10 Datasheet
336Kb / 2P
   ANALOG MULTIMETER
logo
Extech Instruments Corp...
38070 EXTECH-38070 Datasheet
254Kb / 1P
   Compact Analog MultiMeter
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38070 EXTECH-38070_15 Datasheet
201Kb / 1P
   Compact Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
MN25 EXTECH-MN25 Datasheet
289Kb / 15P
   MultiMeter
logo
Lineage Power Corporati...
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
logo
Energizer
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
logo
ASM GmbH
4281 ASM-SENSOR-4281 Datasheet
2Mb / 4P
   DIGITALE MULTIMETER
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com