công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7713AR-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7713AR-REEL
Giải thích chi tiết về linh kiện  LC2MOS Loop-Powered Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7713AR-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7713AR-REEL Datasheet HTML 1Page - Analog Devices AD7713AR-REEL Datasheet HTML 2Page - Analog Devices AD7713AR-REEL Datasheet HTML 3Page - Analog Devices AD7713AR-REEL Datasheet HTML 4Page - Analog Devices AD7713AR-REEL Datasheet HTML 5Page - Analog Devices AD7713AR-REEL Datasheet HTML 6Page - Analog Devices AD7713AR-REEL Datasheet HTML 7Page - Analog Devices AD7713AR-REEL Datasheet HTML 8Page - Analog Devices AD7713AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. D
–4–
AD7713
Parameter
A, S Versions
1
Unit
Conditions/Comments
AIN3
Positive Full-Scale Calibration Limit
13
+(4.2
VREF)/GAIN V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).
Offset Calibration Limit
15
0 to VREF/GAIN
V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).
Input Span
+(3.2
VREF)/GAIN V min
GAIN Is the Selected PGA Gain
(Between 1 and 128).
+(4.2
VREF)/GAIN V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).
POWER REQUIREMENTS
Power Supply Voltages
AVDD Voltage
16
5 to 10
V nom
±5% for Specified Performance.
DVDD Voltage
17
5V nom
±5% for Specified Performance.
Power Supply Currents
AVDD Current
0.6
mA max
AVDD = 5 V.
0.7
mA max
AVDD = 10 V.
DVDD Current
0.5
mA max
fCLK IN = 1 MHz.
Digital Inputs 0 V to DVDD.
1
mA max
fCLK IN = 2 MHz.
Digital Inputs 0 V to DVDD.
Power Supply Rejection
18
Rejection w.r.t. AGND.
(AVDD and DVDD)
19
dB typ
Power Dissipation
Normal Mode
5.5
mW max
AVDD = DVDD = 5 V, fCLK IN = 1 MHz;
Typically 3.5 mW.
Standby (Power-Down) Mode
300
µW max
AVDD = DVDD = 5 V, Typically 150
µW.
NOTES
1 Temperature range is: A Version, –40
°C to +85°C; S Version, –55°C to +125°C.
2 Applies after calibration at the temperature of interest.
3 Positive full-scale error applies to both unipolar and bipolar input ranges.
4 These errors will be of the order of the output noise of the part as shown in Table I after system calibration. These errors will be 20
µV typical after self-calibration
or background calibration.
5 Recalibration at any temperature or use of the background calibration mode will remove these drift errors.
6 These numbers are guaranteed by design and/or characterization.
7 The AIN1 and AIN2 analog inputs present a very high impedance dynamic load that varies with clock frequency and input sample rate. The maximum recom-
mended source resistance depends on the selected gain.
8 The analog input voltage range on the AIN1(+) and AIN2(+) inputs is given here with respect to the voltage on the AIN1(–) and AIN2(–) inputs. The input voltage
range on the AIN3 input is with respect to AGND. The absolute voltage on the AIN1 and AIN2 inputs should not go more positive than AV DD + 30 mV or more
negative than AGND – 30 mV.
9 V
REF = REF IN(+) – REF IN(–).
10 This common-mode voltage range is allowed, provided that the input voltage on AIN(+) and AIN(–) does not exceed AV
DD + 30 mV and AGND – 30 mV.
11 This error can be removed using the system calibration capabilities of the AD7713. This error is not removed by the AD7713’s self-calibration feature. The offset
drift on the AIN3 input is four times the value given in the Static Performance section of the specifications.
12 Guaranteed by design, not production tested.
13 After calibration, if the analog input exceeds positive full scale, the converter will output all 1s. If the analog input is less than negative full scale, the device will
output all 0s.
14These calibration and span limits apply provided the absolute voltage on the AIN1 and AIN2 analog inputs does not exceed AV
DD + 30 mV or go more negative than
AGND – 30 mV.
15 The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
16 Operating with AV
DD voltages in the range 5.25 V to 10.5 V is guaranteed only over the 0
°C to 70°C temperature range.
17 The
±5% tolerance on the DV
DD input is allowed provided that DVDD does not exceed AVDD by more than 0.3 V.
18 Measured at dc and applies in the selected pass band. PSRR at 50 Hz will exceed 120 dB with filter notches of 2 Hz, 5 Hz, 10 Hz, 25 Hz, or 50 Hz. PSRR at 60 Hz
will exceed 120 dB with filter notches of 2 Hz, 6 Hz, 10 Hz, 30 Hz, or 60 Hz.
19 PSRR depends on gain: gain of 1 = 70 dB typ; gain of 2 = 75 dB typ; gain of 4 = 80 dB typ; gains of 8 to 128 = 85 dB typ.
Specifications subject to change without notice.


Số phần tương tự - AD7713AR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7713AR-REEL AD-AD7713AR-REEL Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AR-REEL AD-AD7713AR-REEL Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7713AR-REEL AD-AD7713AR-REEL Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
AD7713AR-REEL7 AD-AD7713AR-REEL7 Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AR-REEL7 AD-AD7713AR-REEL7 Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
More results

Mô tả tương tự - AD7713AR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
AD7713ANZ AD-AD7713ANZ Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com