công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF356 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
LF356 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 32 page LF155, LF156, LF355, LF356, LF357 www.ti.com SNOSBH0C – MAY 2000 – REVISED MARCH 2013 AC Electrical Characteristics TA = TJ = 25°C, VS = ±15V LF155/355 LF156/256/ LF156/256/356/ LF257/357 356B LF356B Symbol Parameter Conditions Units Typ Min Typ Typ SR Slew Rate LF155/6: AV=1, 5 7.5 12 V/ μs LF357: AV=5 50 V/ μs GBW Gain Bandwidth Product 2.5 5 20 MHz ts Settling Time to 0.01% (1) 4 1.5 1.5 μs en Equivalent Input Noise RS=100Ω Voltage f=100 Hz 25 15 15 nV/ √Hz f=1000 Hz 20 12 12 nV/ √Hz in Equivalent Input Current f=100 Hz 0.01 0.01 0.01 pA/ √Hz Noise f=1000 Hz 0.01 0.01 0.01 pA/ √Hz CIN Input Capacitance 3 3 3 pF (1) Settling time is defined here, for a unity gain inverter connection using 2 k Ω resistors for the LF155/6. It is the time required for the error voltage (the voltage at the inverting input pin on the amplifier) to settle to within 0.01% of its final value from the time a 10V step input is applied to the inverter. For the LF357, AV = −5, the feedback resistor from output to input is 2kΩ and the output step is 10V (See Settling Time Test Circuit). Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LF155 LF156 LF355 LF356 LF357 |
Số phần tương tự - LF356 |
|
Mô tả tương tự - LF356 |