công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM697AQ bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADM697AQ
Giải thích chi tiết về linh kiện  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM697AQ bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADM697AQ Datasheet HTML 1Page - Analog Devices ADM697AQ Datasheet HTML 2Page - Analog Devices ADM697AQ Datasheet HTML 3Page - Analog Devices ADM697AQ Datasheet HTML 4Page - Analog Devices ADM697AQ Datasheet HTML 5Page - Analog Devices ADM697AQ Datasheet HTML 6Page - Analog Devices ADM697AQ Datasheet HTML 7Page - Analog Devices ADM697AQ Datasheet HTML 8Page - Analog Devices ADM697AQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADM696/ADM697–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
VCC Operating Voltage Range
3.0
5.5
V
VBATT Operating Voltage Range
2.0
VCC – 0 3
V
BATTERY BACKUP SWITCHING (ADM696)
VOUT Output Voltage
VCC – 0.05
VCC – 0.025
V
IOUT = 1 mA
VCC – 0.5
VCC – 0.25
V
IOUT ≤ 100 mA
VOUT in Battery Backup Mode
VBATT – 0.05
VBATT – 0.02
V
IOUT = 250 µA, VCC < VBATT – 0.2 V
Supply Current (Excludes IOUT)
1
1.95
mA
IOUT = 100 mA
Supply Current in Battery Backup Mode
0.6
1
µAV
CC = 0 V, VBATT = 2.8 V
Battery Standby Current
5.5 V > VCC > VBATT + 0.2 V
(+ = Discharge, – = Charge)
–0.1
+0.02
µAT
A = +25°C
–1
+0.02
µA
Battery Switchover Threshold
70
mV
Power-Up
VCC – VBATT
50
mV
Power-Down
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage
0.4
V
ISINK = 1.6 mA
BATT ON Output Short Circuit Current
7
mA
BATT ON = VOUT = 2.4 V Sink Current
0.5
1
25
µA
BATT ON = VOUT, VCC = 0 V, Source Current
RESET AND WATCHDOG TIMER
Low Line Threshold (LLIN)
1.25
1.3
1.35
V
VCC = +5 V, +3 V
Reset Timeout Delay
35
50
70
ms
OSC SEL = HIGH, VCC= 5 V, TA = +25°C
Watchdog Timeout Period, Internal Oscillator
1.0
1.6
2.25
s
Long Period, VCC = 5 V, TA = +25
°C
70
100
140
ms
Short Period, VCC = 5 V, TA = +25°C
Watchdog Timeout Period, External Clock
4032
4097
Cycles
Long Period
960
1025
Cycles
Short Period
Minimum WDI Input Pulse Width
50
ns
VIL = 0.4, VIH = 3.5 V, VCC = 5 V
RESET
Output Voltage @ VCC = +1 V
4
200
mV
ISINK = 10
µA, V
CC = 1 V
RESET, RESET Output Voltage
0.4
V
ISINK = 400 µA, VCC = 2 V, VBATT = 0 V
0.4
V
ISINK = 1.6 mA, 3 V < VCC < 5.5 V
3.5
V
ISOURCE = 1 µA, VCC = 5 V
LOW LINE
, WDO Output Voltage
0.4
V
ISINK = 1.6 mA,
3.5
V
ISOURCE = 1
µA, V
CC = 5 V
Output Short Circuit Source Current
1
3
25
µA
WDI Input Threshold
VCC = 5 V
1
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
20
50
µA
WD1 = VOUT, (VCC) TA = +25°C
–50
–15
µA
WD1 = 0 V, TA = +25°C
POWER FAIL DETECTOR
PFI Input Threshold
1.2
1.3
1.4
V
VCC = +3 V, +5 V
PFI–LLIN Threshold Difference
–50
±15
+50
mV
VCC = +3 V, +5 V
PFI Input Current
–25
±0.01
+25
nA
LLIN Input Current
–50
±0.01
+50
nA
PFO
Output Voltage
0.4
V
ISINK = 1.6 mA
3.5
V
ISOURCE = 1 µA, VCC = 5 V
PFO
Short Circuit Source Current
1
3
25
µA
PFI = Low, PFO = 0 V
CHIP ENABLE GATING (ADM697)
CEIN Threshold
0.8
V
VIL
3.0
V
VIH, VCC = 5 V
CEIN Pullup Current
3
µA
CEOUT Output Voltage
0.4
V
ISINK = 1.6 mA
VCC – 0.5
V
ISOURCE = 800 µA
CE
Propagation Delay
5
25
ns
OSCILLATOR
OSC IN Input Current
±2
µA
OSC SEL Input Pullup Current
5
µA
OSC IN Frequency Range
0
250
kHz
OSC SEL = 0 V
OSC IN Frequency with Ext. Capacitor
4
kHz
OSC SEL = 0 V, COSC = 47 pF
NOTE
1WDI is a three-level input which is internally biased to 38% of V
CC and has an input impedance of approximately 125 k
Ω.
Specifications subject to change without notice.
REV. 0
–2–
(VCC = Full Operating Range, VBATT = +2.8 V, TA = TMIN to TMAX
unless otherwise noted.)


Số phần tương tự - ADM697AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM697AQ AD-ADM697AQ Datasheet
407Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Mô tả tương tự - ADM697AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com