công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320EB2K5G4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS8320EB2K5G4
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8320EB2K5G4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS8320EB2K5G4 Datasheet HTML 1Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 2Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 3Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 4Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 5Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 6Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 7Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 8Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS8320
2
SBAS108D
www.ti.com
SPECIFICATIONS: +VCC = +5V
At –40
°C to +85°C, V
REF = +5V, –IN = GND, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
ADS8320E
ADS8320EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
0
VREF
✻✻
V
Absolute Input Range
+In
–0.1
VCC + 0.1
✻✻
V
–In
–0.1
+1.0
✻✻
V
Capacitance
45
pF
Leakage Current
1
nA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±0.008
±0.018
±0.006
±0.012 % of FSR
Offset Error
±1
±2
±0.5
±1mV
Offset Temperature Drift
±3
µV/°C
Gain Error
±0.05
±0.024
%
Gain Temperature Drift
±0.3
ppm/
°C
Noise
20
µVrms
Power-Supply Rejection Ratio
+4.7V < VCC < 5.25V
3
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
Clk Cycles
Acquisition Time
4.5
Clk Cycles
Throughput Rate
100
kHz
Clock Frequency Range
0.024
2.4
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5VPP at 10kHz
–84
–86
dB
SINAD
VIN = 5VPP at 10kHz
82
84
dB
Spurious-Free Dynamic Range
VIN = 5VPP at 10kHz
84
86
dB
SNR
90
92
dB
REFERENCE INPUT
Voltage Range
0.5
VCC
✻✻
V
Resistance
CS = GND, fSAMPLE = 0Hz
5
G
CS = VCC
5
G
Current Drain
40
80
✻✻
µA
fSAMPLE = 10kHz
0.8
µA
CS = VCC
0.1
3
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels:
VIH
IIH = +5µA
3.0
VCC + 0.3
✻✻
V
VIL
IIL = +5µA
–0.3
0.8
✻✻
V
VOH
IOH = –250µA
4.0
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
POWER-SUPPLY REQUIREMENTS
VCC
Specified Performance
4.75
5.25
✻✻
V
VCC Range(2)
2.0
5.25
✻✻
V
Quiescent Current
900
1700
✻✻
µA
fSAMPLE = 10kHz(3, 4)
200
µA
Power Dissipation
4.5
8.5
✻✻
mW
Power-Down
CS = VCC
0.3
3
✻✻
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as ADS8320E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +5.0V, one LSB is 0.076mV.
(2) See
Typical Performance Curves for more information.
(3) fCLK = 2.4MHz, CS = VCC for 216 clock cycles out of every 240.
(4) See the Power Dissipation section for more information regarding lower sample rates.


Số phần tương tự - ADS8320EB2K5G4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8320EB BURR-BROWN-ADS8320EB Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320EB/250 TI1-ADS8320EB/250 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/250G4 TI1-ADS8320EB/250G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5 TI1-ADS8320EB/2K5 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5G4 TI1-ADS8320EB/2K5G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8320EB2K5G4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com