công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320EB2K5G4 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADS8320EB2K5G4
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8320EB2K5G4 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS8320EB2K5G4 Datasheet HTML 5Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 6Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 7Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 8Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 9Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 10Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 11Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 12Page - Texas Instruments ADS8320EB2K5G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADS8320
9
SBAS108D
www.ti.com
NOISE
The noise floor of the ADS8320 itself is extremely low, as
can be seen from Figures 1 and 2, and is much lower than
competing A/D converters. It was tested by applying a low-
noise DC input and a 5.0V reference to the ADS8320 and
initiating 5000 conversions. The digital output of the A/D
2
2510
3
2490
4
Code
56
00
00
1
FIGURE 1. Histogram of 5000 Conversions of a DC Input
at the Code Transition.
FIGURE 2. Histogram of 5000 Conversions of a DC Input
at the Code Center.
2
72
3
4864
4
Code
56
64
0
00
1
converter varies in output code due to the internal noise of
the ADS8320. This is true for all 16-bit SAR-type A/D
converters. Using a histogram to plot the output codes, the
distribution should appear bell-shaped with the peak of the
bell curve representing the nominal code for the input value.
The
±1σ, ±2σ, and ±3σ distributions represents the 68.3%,
95.5%, and 99.7%, respectively, of all codes. The transition
noise can be calculated by dividing the number of codes
measured by 6 and this yields the
±3σ distribution or 99.7%
of all codes. Statistically, up to 3 codes could fall outside the
distribution when executing 1000 conversions. The
ADS8320, with < 3 output codes for the
±3σ distribution,
yields a <
±0.5LSB transition noise. Remember, to achieve
this low noise performance, the peak-to-peak noise of the
input signal and reference must be < 50
µV.
AVERAGING
The noise of the A/D converter can be compensated by
averaging the digital codes. By averaging conversion re-
sults, transition noise is reduced by a factor of 1/
√n, where
n is the number of averages. For example, averaging four
conversion results reduces the transition noise by 1/2 to
±0.25 LSBs. Averaging should only be used for input
signals with frequencies near DC.
For AC signals, a digital filter can be used to low-pass filter
and decimate the output codes. This works in a similar
manner to averaging; for every decimation by 2, the signal-
to-noise ratio improves 3dB.
DIGITAL INTERFACE
SIGNAL LEVELS
The digital inputs of the ADS8320 can accommodate logic
levels up to 5.5V regardless of the value of VCC. Thus, the
ADS8320 can be powered at 3V and still accept inputs from
logic powered at 5V.
The CMOS digital output (DOUT) swings 0V to VCC. If VCC
is 3V and this output is connected to a 5V CMOS logic
input, then that IC may require more supply current than
normal and may have a slightly longer propagation delay.


Số phần tương tự - ADS8320EB2K5G4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8320EB BURR-BROWN-ADS8320EB Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320EB/250 TI1-ADS8320EB/250 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/250G4 TI1-ADS8320EB/250G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5 TI1-ADS8320EB/2K5 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5G4 TI1-ADS8320EB/2K5G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8320EB2K5G4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com