công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7835E bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ADS7835E
Giải thích chi tiết về linh kiện  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS7835E bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS7835E Datasheet HTML 4Page - Texas Instruments ADS7835E Datasheet HTML 5Page - Texas Instruments ADS7835E Datasheet HTML 6Page - Texas Instruments ADS7835E Datasheet HTML 7Page - Texas Instruments ADS7835E Datasheet HTML 8Page - Texas Instruments ADS7835E Datasheet HTML 9Page - Texas Instruments ADS7835E Datasheet HTML 10Page - Texas Instruments ADS7835E Datasheet HTML 11Page - Texas Instruments ADS7835E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
ADS7835
®
EXTERNAL REFERENCE
The internal reference is connected to the VREF pin and to the
internal buffer via a 10k
Ω series resistor. Thus, the reference
voltage can easily be overdriven by an external reference
voltage. The voltage range for the external voltage is 2.3V
to 2.9V, corresponding to an analog input range of 2.3V to
2.9V in both cases.
While the external reference will not source significant
current into the VREF pin, it does have to drive the 10kΩ
series resistor that is terminated into the 2.5V internal
reference (the exact value of the resistor will vary up to
±30% from part to part). In addition, the V
REF pin should
still be bypassed to ground with at least a 0.1
µF ceramic
capacitor (placed as close to the ADS7835 as possible). The
reference will have to be stable with this capacitive load.
Depending on the particular reference and A/D conversion
speed, additional bypass capacitance may be required, such
as the 2.2
µF tantalum capacitor shown in Figure 1.
Reasons for choosing an external reference over the internal
reference vary, but there are two main reasons. One is to
achieve a given input range. The other is to provide greater
stability over temperature. (The internal reference is typi-
cally 20ppm/
°C which translates into a full-scale drift of
roughly one output code for every 12
°C. This does not take
into account other sources of full-scale drift.) If greater
stability over temperature is needed, then an external refer-
ence with lower temperature drift will be required.
DIGITAL INTERFACE
Figure 2 shows the serial data timing and Figure 3 shows the
basic conversion timing for the ADS7835. The specific
timing numbers are listed in Table I. There are several
important items in Figure 3 which give the converter addi-
tional capabilities over typical 8-pin converters. First, the
transition from sample mode to hold mode is synchronous to
the falling edge of CONV and is not dependent on CLK.
Second, the CLK input is not required to be continuous
during the sample mode. After the conversion is complete,
the CLK may be kept LOW or HIGH.
The asynchronous nature of CONV to CLK raises some
interesting possibilities, but also some design consider-
ations. Figure 3 shows that CONV has timing restraints in
relation to CLK (tCKCH and tCKCS). However, if these times
are violated (which could happen if CONV is completely
asynchronous to CLK), the converter will perform a conver-
sion correctly, but the exact timing of the conversion is
indeterminate. Since the setup and hold time between CONV
and CLK has been violated in this example, the start of
conversion could vary by one clock cycle. (Note that the
start of conversion can be detected by using a pull-up
resistor on DATA. When DATA drops out of high imped-
ance and goes LOW, the conversion has started and that
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
350
ns
tCONV
Conversion Time
1.625
µs
tCKP
Clock Period
125
5000
ns
tCKL
Clock LOW
50
ns
tCKH
Clock HIGH
50
ns
tCKDH
Clock Falling to Current Data
5
15
ns
Bit No Longer Valid
tCKDS
Clock Falling to Next Data Valid
30
50
ns
tCVL
CONV LOW
40
ns
tCVH
CONV HIGH
40
ns
tCKCH
CONV Hold after Clock Falls(1)
10
ns
tCKCS
CONV Setup to Clock Falling(1)
10
ns
tCKDE
Clock Falling to DATA Enabled
20
50
ns
tCKDD
Clock Falling to DATA
70
100
ns
High Impedance
tCKSP
Clock Falling to Sample Mode
5
ns
tCKPD
Clock Falling to Power-Down Mode
50
ns
tCVHD
CONV Falling to Hold Mode
5
ns
(Aperture Delay)
tCVSP
CONV Rising to Sample Mode
5
ns
tCVPU
CONV Rising to Full Power-up
50
ns
tCVDD
CONV Changing State to DATA
70
100
ns
High Impedance
tCVPD
CONV Changing State to
50
ns
Power-Down Mode
tDRP
CONV Falling to Start of CLK
5
µs
(for hold droop < 0.1 LSB)
Note: (1) This timing is not required under some situations. See text for more information.
TABLE I. Timing Specifications (TA = –40°C to +85°C,
CLOAD = 30pF).
FIGURE 2. Serial Data and Clock Timing.
DATA
CLK
t
CKH
t
CKP
t
CKDH
t
CKDS
t
CKL


Số phần tương tự - ADS7835E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7835E BURR-BROWN-ADS7835E Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835E/250 TI1-ADS7835E/250 Datasheet
839Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7835E/250G4 TI1-ADS7835E/250G4 Datasheet
839Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7835E/2K5 TI1-ADS7835E/2K5 Datasheet
839Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7835E/2K5G4 TI1-ADS7835E/2K5G4 Datasheet
839Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7835E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com