công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1000CIUT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1000CIUT
Giải thích chi tiết về linh kiện  ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1000CIUT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC12D1000CIUT Datasheet HTML 1Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 2Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 3Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 4Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 5Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
ADC12D1000, ADC12D1600
www.ti.com
SNAS480M – MAY 2010 – REVISED MARCH 2013
ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Check for Samples: ADC12D1000, ADC12D1600
1
FEATURES
KEY SPECIFICATIONS
2
Configurable to Either 2.0/3.2 GSPS
Resolution: 12 Bits
Interleaved or 1.0/1.6 GSPS Dual ADC
Interleaved 2.0/3.2 GSPS ADC
Pin-compatible with ADC10D1x00 and
Noise Floor: -152.6/-153.6 dBm/Hz (typ)
ADC12D1x00
IMD3: -66/-63 dBFS (typ)
Internally Terminated, Buffered, Differential
Noise Power Ratio: 49.5/48.5 dB (typ)
Analog Inputs
Power: 3.38/3.88 W (typ)
Interleaved Timing Automatic and Manual
Full Power Bandwidth: 1.75/1.75 GHz (typ)
Skew Adjust
Dual 1.0/1.6 GSPS ADC, Fin = 125 MHz
Test Patterns at Output for System Debug
ENOB: 9.6/9.4 Bits (typ)
Programmable 15-bit Gain and 12-bit Plus Sign
SNR: 60.2/58.5 dB (typ)
Offset
Power: 3.38/3.88W (typ)
Programmable tAD Adjust Feature
Full Power Bandwidth: 2.8/2.8GHz (typ)
1:1 Non-demuxed or 1:2 Demuxed LVDS
Outputs
DESCRIPTION
AutoSync Feature for Multi-chip Systems
The 12-bit, 2.0/3.2 GSPS ADC12D1000/1600 is the
Single 1.9V ± 0.1V Power Supply
latest advance in TI's Ultra High-Speed ADC family
and builds upon the features, architecture and
APPLICATIONS
functionality of the 10-bit GHz family of ADCs.
Wideband Communications
The ADC12D1000/1600 provides a flexible LVDS
Data Acquisition Systems
interface which has multiple SPI programmable
options to facilitate board design and FPGA/ASIC
RADAR/LIDAR
data capture. The LVDS outputs are compatible with
Set-top Box
IEEE
1596.3-1996
and
support
programmable
Consumer RF
common mode voltage.
Software Defined Radio
The ADC12D1000/1600 is packaged in a leaded or
lead-free 292-ball thermally enhanced BGA package
over the rated industrial temperature range of -40°C
to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADC12D1000CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI1-ADC12D1000CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1000CIUT/NOPB TI1-ADC12D1000CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Mô tả tương tự - ADC12D1000CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com