công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1000CIUT bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1000CIUT
Giải thích chi tiết về linh kiện  ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1000CIUT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC12D1000CIUT Datasheet HTML 2Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 3Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 4Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 5Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 9Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
GND
VA
GND
VA
VA
A GND
-
+
100:
100:
VA
AGND
VA
AGND
100
VBIAS
50k
50k
ADC12D1000, ADC12D1600
SNAS480M – MAY 2010 – REVISED MARCH 2013
www.ti.com
Table 1. Analog Front-End and Clock Balls (continued)
Ball No.
Name
Equivalent Circuit
Description
Reference Clock Input. When the AutoSync
feature is active, and the ADC12D1000/1600 is in
Slave Mode, the internal divided clocks are
Y4/W5
RCLK+/-
synchronized with respect to this input clock. The
delay on this clock may be adjusted when
synchronizing multiple ADCs. This feature is
available in ECM via Control Register (Addr: Eh).
Reference Clock Output 1 and 2. These signals
provide a reference clock at a rate of CLK/4, when
enabled, independently of whether the ADC is in
Master or Slave Mode. They are used to drive the
RCLK of another ADC12D1000/1600, to enable
automatic synchronization for multiple ADCs
Y5/U6
RCOut1+/-
(AutoSync feature). The impedance of each trace
V6/V7
RCOut2+/-
from RCOut1 and RCOut2 to the RCLK of another
ADC12D1000/1600 should be 100
Ω differential.
Having two clock outputs allows the auto-
synchronization to propagate as a binary tree. Use
the DOC Bit (Addr: Eh, Bit 1) to enable/ disable
this feature; default is disabled.
Table 2. Control and Status Balls
Ball No.
Name
Equivalent Circuit
Description
Dual Edge Sampling (DES) Mode select. In the
Non-Extended Control Mode (Non-ECM), when
this input is set to logic-high, the DES Mode of
operation is selected, meaning that the VinI input
is sampled by both channels in a time-interleaved
manner. The VinQ input is ignored. When this
V5
DES
input is set to logic-low, the device is in Non-DES
Mode, i.e. the I- and Q-channels operate
independently. In the Extended Control Mode
(ECM), this input is ignored and DES Mode
selection is controlled through the Control Register
by the DES Bit (Addr: 0h, Bit 7); default is Non-
DES Mode operation.
Calibration Delay select. By setting this input logic-
high or logic-low, the user can select the device to
wait a longer or shorter amount of time,
V4
CalDly
respectively, before the automatic power-on self-
calibration is initiated. This feature is pin-controlled
only and is always active during ECM and Non-
ECM.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D1000 ADC12D1600


Số phần tương tự - ADC12D1000CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI1-ADC12D1000CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1000CIUT/NOPB TI1-ADC12D1000CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Mô tả tương tự - ADC12D1000CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com