công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5293BRUZ-20 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD5293BRUZ-20
Giải thích chi tiết về linh kiện  Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5293BRUZ-20 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD5293BRUZ-20 Datasheet HTML 1Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 2Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 3Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 4Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 5Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 6Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 7Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 8Page - Analog Devices AD5293BRUZ-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5293
Rev. D | Page 5 of 24
ELECTRICAL CHARACTERISTICS—50 kΩ AND 100 kΩ VERSIONS
VDD = 21 V to 33 V, VSS = 0 V; VDD = 10.5 V to 16.5 V, VSS = −10.5 V to −16.5 V; VLOGIC = 2.7 V to 5.5 V, VA = VDD, VB = VSS,
−40°C < TA < +105°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS,
RHEOSTAT MODE
Resolution
N
10
Bits
Resistor Differential Nonlinearity2
R-DNL
RWB
−1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
−2
+2
LSB
Nominal Resistor Tolerance
(R-Perf Mode)3
∆RAB/RAB
See Table 4
−1
±0.5
+1
%
Nominal Resistor Tolerance
(Normal Mode)
∆RAB/RAB
±20
%
Resistance Temperature Coefficient4
(∆RAB/RAB)/∆T × 106
35
ppm/°C
Wiper Resistance
RW
60
100
Ω
DC CHARACTERISTICS,
POTENTIOMETER DIVIDER MODE
Resolution
N
10
Bits
Differential Nonlinearity5
DNL
−1
+1
LSB
Integral Nonlinearity5
INL
−1.5
+1.5
LSB
Voltage Divider Temperature
Coefficient4
(∆VW/VW)/∆T × 106
Code = half scale
5
ppm/°C
Full-Scale Error
VWFSE
Code = full scale
−8
+1
LSB
Zero-Scale Error
VWZSE
Code = zero scale
0
8
LSB
RESISTOR TERMINALS
Terminal Voltage Range6
VA, VB, VW
VSS
VDD
V
Capacitance A, Capacitance B4
CA, CB
f = 1 MHz, measured to GND,
code = half-scale
85
pF
Capacitance W4
CW
f = 1 MHz, measured to GND,
code = half-scale
65
pF
Common-Mode Leakage Current
ICM
VA = VB = VW
±1
nA
DIGITAL INPUTS
JEDEC compliant
Input Logic High
VIH
VLOGIC = 2.7 V to 5.5 V
2.0
V
Input Logic Low
VIL
VLOGIC = 2.7 V to 5.5 V
0.8
V
Input Current
IIL
VIN = 0 V or VLOGIC
±1
μA
Input Capacitance4
CIL
5
pF
DIGITAL OUTPUTS (SDO and RDY)
Output High Voltage
VOH
RPULL_UP = 2.2 kΩ to VLOGIC
VLOGIC − 0.4
V
Output Low Voltage
VOL
RPULL_UP = 2.2 kΩ to VLOGIC
GND + 0.4
V
Tristate Leakage Current
−1
+1
μA
Output Capacitance4
COL
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
9
33
V
Dual-Supply Power Range
VDD/VSS
±9
±16.5
V
Positive Supply Current
IDD
VDD/VSS = ±16.5 V
0.1
2
μA
Negative Supply Current
ISS
VDD/VSS = ±16.5 V
−2
−0.1
μA
Logic Supply Range
VLOGIC
2.7
5.5
V
Logic Supply Current
ILOGIC
VLOGIC = 5 V; VIH = 5 V or VIL = GND
1
10
μA
Power Dissipation7
PDISS
VIH = 5 V or VIL = GND
8
110
μW
Power Supply Rejection Ratio4
PSSR
∆VDD/∆VSS = ±15 V ± 10%
RAB = 50 kΩ
0.039
%/%
RAB = 100 kΩ
0.021
%/%


Số phần tương tự - AD5293BRUZ-20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5293BRUZ-20 AD-AD5293BRUZ-20 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5293BRUZ-20 AD-AD5293BRUZ-20 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-20-RL7 AD-AD5293BRUZ-20-RL7 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5293BRUZ-20-RL7 AD-AD5293BRUZ-20-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results

Mô tả tương tự - AD5293BRUZ-20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com