công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5207BRUZ10 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD5207BRUZ10
Giải thích chi tiết về linh kiện  2-Channel, 256-Position Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5207BRUZ10 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD5207BRUZ10 Datasheet HTML 7Page - Analog Devices AD5207BRUZ10 Datasheet HTML 8Page - Analog Devices AD5207BRUZ10 Datasheet HTML 9Page - Analog Devices AD5207BRUZ10 Datasheet HTML 10Page - Analog Devices AD5207BRUZ10 Datasheet HTML 11Page - Analog Devices AD5207BRUZ10 Datasheet HTML 12Page - Analog Devices AD5207BRUZ10 Datasheet HTML 13Page - Analog Devices AD5207BRUZ10 Datasheet HTML 14Page - Analog Devices AD5207BRUZ10 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD5207
–11–
Table IV.
DRWB
(DEC)
( )
Output State
255
10006
Full-Scale (RAB – 1 LSB + RW)
128
5045
Midscale
184
1 LSB
0
45
Zero-Scale (Wiper Contact Resistance)
Note that in the zero-scale condition a finite wiper resistance of
45
Ω is present. Care should be taken to limit the current flow
between W and B in this state to a maximum current of no more
than 5 mA. Otherwise, degradation or possibly destruction of
the internal switch contacts can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the wiper W and Terminal A also produces a
digitally controlled resistance RWA. When these terminals are used,
the B Terminal should be let open or tied to the wiper terminal.
Setting the resistance value for RWA starts at a maximum value
of resistance and decreases as the data loaded in the latch is
increased in value. The general equation for this operation is:
RD
D
RR
WA
AB
W
()
+
256
256
(2)
For example, when RAB = 10 k
Ω, B terminal is either open or
tied to W, the following output resistance, RWA, will be set for
the following RDAC latch codes.
Table V.
DRWA
(DEC)
( )
Output State
255
84
Full-Scale (RAB/256 + RW)
128
5045
Midscale
1
10006
1 LSB
0
10045
Zero-Scale
The typical distribution of RAB from channel to channel matches
within
±1%. Device-to-device matching is process-lot depen-
dent and is possible to have
±30% variation. The change in RAB
with temperature has a 500 ppm/
°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage. Let’s ignore the effect of
the wiper resistance for the moment. For example, when con-
necting A Terminal to 5 V and B Terminal to ground, it produces
a programmable output voltage at the wiper starting at zero
volts up to 1 LSB less than 5 V. Each LSB of voltage is equal
to the voltage applied across terminal AB divided by the 256
position of the potentiometer divider. Since AD5207 is capable
for dual supplies, the general equation defining the output volt-
age with respect to ground for any given input voltage applied to
terminals AB is:
VD
D
V
D
V
WA
B
() =+
256
256
256
(3)
Operation of the digital potentiometer in the divider mode
results in more accurate operation over temperature. Unlike the
rheostat mode, the output voltage is dependent on the ratio of
RWA and RWB and not the absolute values; therefore, the drift
reduces to 15 ppm/
°C. There is no voltage polarity constraint
between Terminals A, B, and W as long as the terminal voltage
stays within VSS < VTERM < VDD.
RDAC CIRCUIT SIMULATION MODEL
The internal parasitic capacitances and the external capacitive
loads dominate the ac characteristics of the RDACs. Config-
ured as a potentiometer divider the –3 dB bandwidth of the
AD5207BRU10 (10 k
Ω resistor) measures 600 kHz at half
scale. TPC 16 provides the large signal BODE plot characteris-
tics of the three available resistor versions 10 k
Ω and 50 kΩ.
The gain flatness versus frequency graph, TPC 16, predicts
filter applications performance. A parasitic simulation model has
been developed and is shown in Figure 9. Listing I provides a
macro model net list for the 10 k
Ω RDAC:
CW
70pF
CB
CA
B
A
RDAC
10k
W
CB = 45pF
CA = 45pF
Figure 9. RDAC Circuit Simulation Model for RDAC = 10 k
Listing I. Macro Model Net List for RDAC
.PARAM D=255, RDAC=10E3
*
.SUBCKT DPOT (A,W)
*
CA A 0 45E-12
RAW A W {(1-D/256)
*RDAC+50}
CW W 0 70E-12
RBW W B {D/256
*RDAC+50}
CB B 0 45E-12
*
.ENDS DPOT


Số phần tương tự - AD5207BRUZ10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5207BRU10-REEL7 AD-AD5207BRU10-REEL7 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRU100-REEL7 AD-AD5207BRU100-REEL7 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRU50-REEL7 AD-AD5207BRU50-REEL7 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
More results

Mô tả tương tự - AD5207BRUZ10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
   256-Position I2C짰-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com