công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ35003 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ35003
Giải thích chi tiết về linh kiện  2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ35003 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZ35003 Datasheet HTML 7Page - Texas Instruments LMZ35003 Datasheet HTML 8Page - Texas Instruments LMZ35003 Datasheet HTML 9Page - Texas Instruments LMZ35003 Datasheet HTML 10Page - Texas Instruments LMZ35003 Datasheet HTML 11Page - Texas Instruments LMZ35003 Datasheet HTML 12Page - Texas Instruments LMZ35003 Datasheet HTML 13Page - Texas Instruments LMZ35003 Datasheet HTML 14Page - Texas Instruments LMZ35003 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LMZ35003
www.ti.com
SNVS988 – JULY 2013
CAPACITOR RECOMMENDATIONS FOR THE LMZ35003 POWER SUPPLY
Capacitor Technologies
Electrolytic, Polymer-Electrolytic Capacitors
When using electrolytic capacitors, high-quality, computer-grade electrolytic capacitors are recommended.
Polymer-electrolytic type capacitors are recommended for applications where the ambient operating temperature
is less than 0°C. The Sanyo OS-CON capacitor series is suggested due to the lower ESR, higher rated surge,
power dissipation, ripple current capability, and small package size. Aluminum electrolytic capacitors provide
adequate decoupling over the frequency range of 2 kHz to 150 kHz, and are suitable when ambient temperatures
are above 0°C.
Ceramic Capacitors
The performance of aluminum electrolytic capacitors is less effective than ceramic capacitors above 150 kHz.
Multilayer ceramic capacitors have a low ESR and a resonant frequency higher than the bandwidth of the
regulator. They can be used to reduce the reflected ripple current at the input as well as improve the transient
response of the output.
Tantalum, Polymer-Tantalum Capacitors
Polymer-tantalum type capacitors are recommended for applications where the ambient operating temperature is
less than 0°C. The Sanyo POSCAP series and Kemet T530 capacitor series are recommended rather than many
other tantalum types due to their lower ESR, higher rated surge, power dissipation, ripple current capability, and
small package size. Tantalum capacitors that have no stated ESR or surge current rating are not recommended
for power applications.
Input Capacitor
The LMZ35003 requires a minimum input capacitance of 4.4
μF of ceramic type. The voltage rating of input
capacitors must be greater than the maximum input voltage. The ripple current rating of the capacitor must be at
least 450 mArms. Table 1 includes a preferred list of capacitors by vendor.
Output Capacitor
The output capacitance of the LMZ35003 can be comprised of either all ceramic capacitors, or a combination of
ceramic and bulk capacitors. The required output capacitance must include at least 100 µF of ceramic type (or 2
x 47 µF). When adding additional non-ceramic bulk capacitors, low-ESR devices like the ones recommended in
Table 1 are required. Additional capacitance above the minimum is determined by actual transient deviation
requirements. Table 1 includes a preferred list of capacitors by vendor.
Table 1. Recommended Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
WORKING
VENDOR
SERIES
PART NUMBER
CAPACITANCE
ESR (2)
VOLTAGE
(µF)
(m
Ω)
(V)
Murata
X5R
GRM31CR61H225KA88L
50
4.7
2
TDK
X5R
C3216X5R1H475K
50
4.7
2
Murata
X5R
GRM32ER61E226K
16
22
2
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER60J476M
6.3
47
2
Sanyo
POSCAP
16TQC68M
16
68
50
Sanyo
POSCAP
6TPE100MI
6.3
100
25
Kemet
T530
T530D227M006ATE006
6.3
220
6
(1)
Capacitor Supplier Verification, RoHS, Lead-free and Material Details
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in this table.
(2)
Maximum ESR @ 100 kHz, 25°C.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ35003


Số phần tương tự - LMZ35003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results

Mô tả tương tự - LMZ35003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com