công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31704 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ31704
Giải thích chi tiết về linh kiện  4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31704 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMZ31704 Datasheet HTML 1Page - Texas Instruments LMZ31704 Datasheet HTML 2Page - Texas Instruments LMZ31704 Datasheet HTML 3Page - Texas Instruments LMZ31704 Datasheet HTML 4Page - Texas Instruments LMZ31704 Datasheet HTML 5Page - Texas Instruments LMZ31704 Datasheet HTML 6Page - Texas Instruments LMZ31704 Datasheet HTML 7Page - Texas Instruments LMZ31704 Datasheet HTML 8Page - Texas Instruments LMZ31704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LMZ31704
www.ti.com
SLVSBV8A – JUNE 2013 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 4 A,
CIN = 0.1 µF + 2 x 22 µF ceramic + 100 µF bulk, COUT = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0(1)
4
A
VIN
Input bias voltage range
Over output current range
4.5
17
V
PVIN
Input switching voltage range
Over output current range
2.95(2)
17(3)
V
VIN Increasing
4.0
4.5
UVLO
VIN Undervoltage lockout
V
VIN Decreasing
3.5
3.85
VOUT(adj)
Output voltage adjust range
Over output current range
0.6
5.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0 A
±1%(4)
Temperature variation
–40°C
≤ TA ≤ +85°C, IOUT = 0 A
±0.2%
VOUT
Line regulation
Over input voltage range
±0.1%
Load regulation
Over output current range
±0.2%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5%(4)
VOUT = 5.0 V, fSW = 1 MHz
94 %
VOUT = 3.3 V, fSW = 750 kHz
92 %
VOUT = 2.5 V, fSW = 750 kHz
89 %
PVIN = VIN = 12 V
VOUT = 1.8 V, fSW = 500 kHz
88 %
IO = 3 A
VOUT = 1.2 V, fSW = 300 kHz
86 %
VOUT = 0.9 V, fSW = 250 kHz
84 %
η
Efficiency
VOUT = 0.6 V, fSW = 200 kHz
81 %
PVIN = VIN = 5 V
VOUT = 3.3 V, fSW = 750 kHz
95 %
IO = 3 A
VOUT = 2.5 V, fSW = 750 kHz
94 %
VOUT = 1.8 V, fSW = 500 kHz
93 %
VOUT = 1.2 V, fSW = 300 kHz
91 %
VOUT = 0.9 V, fSW = 250 kHz
89 %
VOUT = 0.6 V, fSW = 200 kHz
86 %
Output voltage ripple
20 MHz bandwith
14
mVP-P
ILIM pin open
9
A
ILIM
Current limit threshold
ILIM pin to AGND
6
A
Recovery time
100
µs
1.0 A/µs load step from
Transient response
25 to 75% IOUT(max)
VOUT over/undershoot
80
mV
Inhibit High Voltage
1.3
open(5)
VINH
Inhibit threshold voltage
V
Inhibit Low Voltage
-0.3
1.1
INH Input current
VINH < 1.1 V
-1.15
μA
IINH
INH Hysteresis current
VINH > 1.3 V
-3.3
μA
II(stby)
Input standby current
INH pin to AGND
2
10
µA
Good
95%
VOUT rising
Fault
108%
PWRGD Thresholds
Power Good
Fault
91%
VOUT falling
Good
104%
PWRGD Low Voltage
I(PWRGD) = 0.5 mA
0.3
V
fSW
Switching frequency
RRT = 169 kΩ
400
500
600
kHz
(1)
See the Light Load Efficiency (LLE) section for more information for output voltages < 1.5 V.
(2)
The minimum PVIN is 2.95 V or (VOUT + 0.7 V), whichever is greater. See Table 9 for more details.
(3)
The maximum PVIN voltage is 17 V or (22 x VOUT), whichever is less. See Table 9 for more details.
(4)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(5)
This pin has an internal pull-up. If it is left open, the device operates when input power is applied. A small, low-leakage MOSFET is
recommended for control. When the device is operating and no UVLO resistor divider is present on this pin, the open voltage is typically
2.9 V.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ31704


Số phần tương tự - LMZ31704

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
More results

Mô tả tương tự - LMZ31704

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com