công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31506RUQR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ31506RUQR
Giải thích chi tiết về linh kiện  6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506RUQR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ31506RUQR Datasheet HTML 1Page - Texas Instruments LMZ31506RUQR Datasheet HTML 2Page - Texas Instruments LMZ31506RUQR Datasheet HTML 3Page - Texas Instruments LMZ31506RUQR Datasheet HTML 4Page - Texas Instruments LMZ31506RUQR Datasheet HTML 5Page - Texas Instruments LMZ31506RUQR Datasheet HTML 6Page - Texas Instruments LMZ31506RUQR Datasheet HTML 7Page - Texas Instruments LMZ31506RUQR Datasheet HTML 8Page - Texas Instruments LMZ31506RUQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PWRGD
VIN
PVIN
PGND
PH
VOUT
RT/CLK
AGND
VADJ
INH/UVLO
STSEL
SS/TR
VSENSE+
LMZ31506
PWRGD
Logic
+
+
VREF
Current
Share
Power
Stage
and
Control
Logic
Thermal Shutdown
Shutdown
Logic
OCP
VIN
UVLO
OSC
w/PLL
Comp
ISHARE
LMZ31506
www.ti.com
SNVS993 – JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 6 A,
CIN1 = 2 x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ceramic
44 (5)
CIN
External input capacitance
µF
Non-ceramic
68(5)
Ceramic
47 (6)
200
1500
µF
COUT
External output capacitance
Non-ceramic
220(6)
5000
Equivalent series resistance (ESR)
35
m
(5)
A minimum of 100µF of polymer tantalum and/or ceramic external capacitance is required across the input (VIN and PVIN connected)
for proper operation. Locate the capacitor close to the device. See Table 4 for more details. When operating with split VIN and PVIN
rails, place 4.7µF of ceramic capacitance directly at the VIN pin.
(6)
The amount of required output capacitance varies depending on the output voltage (see Table 3 ). The amount of required capacitance
must include at least 1x 47µF ceramic capacitor. Locate the capacitance close to the device. Adding additional capacitance close to the
load improves the response of the regulator to load transients. See Table 3 and Table 4 more details.
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ31506


Số phần tương tự - LMZ31506RUQR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31506RUQR TI1-LMZ31506RUQR Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
More results

Mô tả tương tự - LMZ31506RUQR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com