công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31506 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ31506
Giải thích chi tiết về linh kiện  6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMZ31506 Datasheet HTML 5Page - Texas Instruments LMZ31506 Datasheet HTML 6Page - Texas Instruments LMZ31506 Datasheet HTML 7Page - Texas Instruments LMZ31506 Datasheet HTML 8Page - Texas Instruments LMZ31506 Datasheet HTML 9Page - Texas Instruments LMZ31506 Datasheet HTML 10Page - Texas Instruments LMZ31506 Datasheet HTML 11Page - Texas Instruments LMZ31506 Datasheet HTML 12Page - Texas Instruments LMZ31506 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
Output Current (A)
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
VOUT = 0.6 V,fSW = 250 kHz
G000
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
Natural Convection
All Output Voltages
G000
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
VOUT = 0.6V, fSW = 250 kHz
G000
0
10
20
30
40
50
60
0
1
2
3
4
5
6
Output Current (A)
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
VOUT = 0.6 V,fSW = 250 kHz
G000
LMZ31506
www.ti.com
SNVS993 – JUNE 2013
TYPICAL CHARACTERISTICS (PVIN = VIN = 5 V) (1) (2)
Figure 6. Efficiency vs. Output Current
Figure 7. Voltage Ripple vs. Output Current
Figure 8. Power Dissipation vs. Output Current
Figure 9. Safe Operating Area
Figure 10. VOUT= 1.8 V, IOUT= 6 A, COUT1= 200 µF ceramic, fSW=480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 6, Figure 7, and Figure 8.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 9.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ31506


Số phần tương tự - LMZ31506

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ31506EVM-692 TI-LMZ31506EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results

Mô tả tương tự - LMZ31506

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com