công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3248 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3248
Giải thích chi tiết về linh kiện  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM3248 Datasheet HTML 1Page - Texas Instruments LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (BOOST)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating ambient temperature range
(
−30°C ≤ TA ≤ +90°C). Unless otherwise noted, all specifications apply with VBATT = 3.0V and Buck in IDLE state.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Open Loop (1), VCON = 1.44V,
ILIM-BOOST,PFET
PFET valley current limit
4.1
A
VOUT_BUCK = 3.6V
Boost internal oscillator
FOSC-Boost
2G/3G/4G mode, PWM mode, average
2.7
MHz
frequency
(1)
Current limit is built-in, fixed, and not adjustable.
SYSTEM CHARACTERISTICS (BOOST)
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Diagram are used: L = 1.0 µH (TOKO 1276AS-H-1R0N); CIN = 10 µF (Murata GRM155R61A106M); and COUT =
1µF (Taiyo Yuden LWK107B7105KA-T) + 10 µF (Murata GRM155R61A106M). These parameters are not verified by
production testing.
(1) (The Boost stage output voltage equation is given in (2).) Min and Max values are specified over the
ambient temperature range TA = −30°C ≤ TA ≤ 90°C. Unless otherwise noted, typical values are specified at VBATT = 3.0V,
Buck in IDLE, and TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Boost Bypass mode
2.7
5.5
V
VCON = 1.60V , MODE = LOW (3G/4G),
4.45
VOUT_BOOST
Boost output voltage
Load = 100 mA (2)
VCON = 1.46V , MODE = HIGH (2G),
4.65
Load = 100 mA (2)
MODE = LOW; BOOST_GATE = HIGH;
mV
SW_BOOST = switching;
–50
0
37
VCON = (VBATT - VGOTOBOOST)/2.5
VGOTOBOOST
Boost turn-on threshold voltage
MODE = HIGH; BOOST_GATE = HIGH;
SW_BOOST = switching;
125
VCON = (VBATT - VGOTOBOOST)/2.5
Minimum time from ENABLE =
TENABLE to
Initially in Idle State: Boost in 0% duty cycle
HIGH (and remains steady) to
25
BOOST_GATE
(bypass)
BOOST_GATE rising edge
µs
TBOOST_GATE_Active
Minimum time to assert
BOOST_GATE signal must remain HIGH
BOOST_GATE signal before
45
during this interval
next TTI slot boundary
Max input current averaged
VBATT = 2.7V, VOUT_BOOST = 4.2V
IIN-BOOST-MAX
3.5
A
across a 2G burst (RMS)
PA active during GSM burst (2)
Duty CycleMAX-
PWM maximum duty cycle
IOUT-BOOST < 1 mA
70
%
BOOST
VBATT = 3.4V to 3.7V, ΔV = ±300 mV,
VLINE-TR
Line transient response
TR =TF = 10 µs, VOUT_BUCK = 3.7V,
150
RLOAD_BUCK = 4Ω, MODE = 3G/4G
(2)
mVpp
VBATT = 2.7V, IOUT_BUCK = 10 mA to 850
mA,
VLOAD-TR
Load transient response
600
IOUT, TR = TF = 10 µs
VOUT_BUCK = 3.7V, MODE = 3G/4G
(2)
VBATT = 2.7V, VBOOST = 3.4V, IOUT = 2A,
Boost ripple voltage at worst-
VBOOST-RIPPLE
2G mode (Sufficient overhead between
100
mVpp
case conditions
VBOOST and VOUT )
(1)
Parameter is specified by design, characterization testing, or statistical analysis. Typical numbers are not verified by production testing,
but do represent the most likely norm.
(2)
VOUT-BOOST = VCON * 2.5 + [≈ 450 mV(3G/4G) or ≈ 950 mV(2G)].
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3248


Số phần tương tự - LM3248

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TME/NOPB TI1-LM3248TME/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMX/NOPB TI1-LM3248TMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results

Mô tả tương tự - LM3248

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
   2.5A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com