công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74VHC1GT50DFT2G bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện M74VHC1GT50DFT2G
Giải thích chi tiết về linh kiện  Noninverting Buffer / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT50DFT2G bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  M74VHC1GT50DFT2G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT50DFT2G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT50DFT2G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT50DFT2G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT50DFT2G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT50DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1GT50
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum
High−Level
Input Voltage
1.65 to 2.29
2.3 to 2.99
3.0
4.5
5.5
0.50 VCC
0.45 VCC
1.4
2.0
2.0
0.50 VCC
0.45 VCC
1.4
2.0
2.0
0.50 VCC
0.45 VCC
1.4
2.0
2.0
V
VIL
Maximum
Low−Level
Input Voltage
1.65 to 2.29
2.3 to 2.99
3.0
4.5
5.5
0.10 VCC
0.15 VCC
0.53
0.8
0.8
0.10 VCC
0.15 VCC
0.53
0.8
0.8
0.10 VCC
0.15 VCC
0.53
0.8
0.8
V
VOH
Minimum
High−Level
Output
Voltage
VIN = VIH
IOH = −50 mA
1.65 to 2.99
3.0
4.5
VCC − 0.1
2.9
4.4
3.0
4.5
VCC − 0.1
2.9
4.4
VCC − 0.1
2.9
4.4
V
VIN = VIH
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum
Low−Level
Output
Voltage
VIN = VIL
IOL = 50 mA
1.65 to 2.99
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IIN
Maximum
Input
Leakage
Current
VIN = 5.5 V or GND
0 to
5.5
$0.1
$1.0
$1.0
mA
ICC
Maximum
Quiescent
Supply
Current
VIN = VCC or GND
5.5
1.0
20
40
mA
ICCT
Quiescent
Supply
Current
Input: VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOPD
Output
Leakage
Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA
AC ELECTRICAL CHARACTERISTICS Cload = 50 pF, Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum
Propagation
Delay, Input A to Y
VCC = 1.8 ± 0.15 V
CL = 15 pF
16.6
18.0
22.0
ns
VCC = 2.5 ± 0.2 V
CL = 15 pF
CL = 50 pF
13.3
19.5
14.5
22.0
17.5
25.5
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
4.5
6.3
10.0
13.5
11.0
15.0
13.0
17.5
ns
VCC = 5.0 ± 0.5 V
CL = 15 pF
CL = 50 pF
3.5
4.3
6.7
7.7
7.5
8.5
8.5
9.5
CIN
Maximum Input
Capacitance
5
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
Typical @ 25°C, VCC = 5.0 V
pF
12
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Số phần tương tự - M74VHC1GT50DFT2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
M74VHC1GT50DFT2G ONSEMI-M74VHC1GT50DFT2G Datasheet
77Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
M74VHC1GT50DFT2G ONSEMI-M74VHC1GT50DFT2G Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
M74VHC1GT50DFT2G ONSEMI-M74VHC1GT50DFT2G Datasheet
83Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
M74VHC1GT50DFT2G ONSEMI-M74VHC1GT50DFT2G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
M74VHC1GT50DFT2G ONSEMI-M74VHC1GT50DFT2G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
More results

Mô tả tương tự - M74VHC1GT50DFT2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_15 Datasheet
83Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_12 Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com