công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74HCT4851ADR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC74HCT4851ADR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 14 page © Semiconductor Components Industries, LLC, 2013 April, 2013 − Rev. 6 1 Publication Order Number: MC74HCT4851A/D MC74HCT4851A, MC74HCT4852A Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs Automotive Customized This device is pin compatible to standard HC405x and MC1405xB analog mux/demux devices, but feature injection current effect control. This makes them especially suited for usage in automotive applications where voltages in excess of normal logic voltage are common. The injection current effect control allows signals at disabled analog input channels to exceed the supply voltage range without affecting the signal of the enabled analog channel. This eliminates the need for external diode/ resistor networks typically used to keep the analog channel signals within the supply voltage range. The devices utilize low power silicon gate CMOS technology. The Channel Select and Enable inputs are compatible with standard CMOS or LSTTL outputs. Features • Injection Current Cross−Coupling Less than 1mV/mA (See Figure 6) • Pin Compatible to HC405x and MC1405xB Devices • Power Supply Range (VCC − GND) = 4.5 to 5.5 V • In Compliance With the Requirements of JEDEC Standard No. 7 A • Chip Complexity: 154 FETs or 36 Equivalent Gates • NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable • These Devices are Pb−Free and are RoHS Compliant http://onsemi.com MARKING DIAGRAMS SOIC−16 D SUFFIX CASE 751B TSSOP−16 DT SUFFIX CASE 948F 1 16 1 16 1 16 HCT485xAG AWLYWW HCT4 85xA ALYWG G 1 16 X = 1 or 2 A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb−Free Package 1 16 SOIC−16 WIDE DW SUFFIX CASE 751G 1 16 HCT485xA AWLYWWG See detailed ordering and shipping information in the package dimensions section on page 11 of this data sheet. ORDERING INFORMATION (Note: Microdot may be in either location) |
Số phần tương tự - MC74HCT4851ADR2G |
|
Mô tả tương tự - MC74HCT4851ADR2G |