công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11850VA bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện LB11850VA
Giải thích chi tiết về linh kiện  For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11850VA bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  LB11850VA Datasheet HTML 1Page - ON Semiconductor LB11850VA Datasheet HTML 2Page - ON Semiconductor LB11850VA Datasheet HTML 3Page - ON Semiconductor LB11850VA Datasheet HTML 4Page - ON Semiconductor LB11850VA Datasheet HTML 5Page - ON Semiconductor LB11850VA Datasheet HTML 6Page - ON Semiconductor LB11850VA Datasheet HTML 7Page - ON Semiconductor LB11850VA Datasheet HTML 8Page - ON Semiconductor LB11850VA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LB11850VA
No.A0609-3/14
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Hall input sensitivity
VHN
IN+, IN- difference voltage
(including offset and hysteresis)
±15
±25
mV
FG output L voltage
VFGL
IFG = 5mA
0.15
030
μA
FG pin leak current
IFGL
VFG = 19V
30
μA
RD output L voltage
VRDL
IRD = 5mA
0.15
0.30
V
RD pin leak current
IRDL
VRD = 19V
30
μA
EO pin output H voltage
VEOH
IEO1 = -0.2mA
VREG-1.2
VREG-0.8
V
EO pin output L voltage
VEOL
IEO1 = 0.2mA
0.8
1.1
V
RC pin output H voltage
VRCH
3.2
3.45
3.7
V
RC pin output L voltage
VRCL
0.7
0.8
1.05
V
RC pin clamp voltage
VRCCLP
1.3
1.5
1.7
V
CTL pin input H voltage
VCTLH
2.0
VREG
V
CTL pin input L voltage
VCTLL
0
1.0
V
CTL pin input open voltage
VCTLO
VREG-0.5
VREG
V
CTL pin H input H current
ICTLH
VFGIN = 5VREG
-10
0
10
μA
CTL pin L input L current
ICTLL
VFGIN = 0V
-120
-90
μA
C pin output H voltage
VCH
VREG-0.3
VREG-0.1
V
C pin output L voltage
VCL
1.8
2.0
2.2
V
LIM pin input bias current
IBLIM
-1
1
μA
LIM pin common phase input voltage range
VILIM
2.0
VREG
V
SOFT pin charge current
ICSOFT
1.0
1.3
1.6
μA
SOFT pin operating voltage range
VISOFT
2.0
VREG
V
CVI pin input bias current
IB(VCI)
-1
2
μA
CVI pin common phase input voltage range
VIVCI
2.0
VREG
V
CVO pin output H level voltage
VOH(VCO)
VREG-0.35
VREG-0.2
V
Output L level voltage
VOL(VCO)
1.8
2.0
2.2
V
Package Dimensions
unit : mm (typ)
3287
SANYO : SSOP24(225mil)
6.5
0.5
(0.5)
24
13
1
12
0.22
0.15
Pd max -- Ta
-30
0
30
60
90
120
95
0
0.2
0.4
0.6
0.8
1.2
1.0
0.9
Ambient temperature, Ta --
°C
Mounted on a specified board:
114.3
×76.1×1.6mm3,glass epoxy


Số phần tương tự - LB11850VA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-E ONSEMI-LB11850VA-TLM-E Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-W-AH ONSEMI-LB11850VA-W-AH Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
More results

Mô tả tương tự - LB11850VA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
LB11850V SANYO-LB11850V Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com