công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11685AV bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LB11685AV
Giải thích chi tiết về linh kiện  3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11685AV bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LB11685AV Datasheet HTML 1Page - ON Semiconductor LB11685AV Datasheet HTML 2Page - ON Semiconductor LB11685AV Datasheet HTML 3Page - ON Semiconductor LB11685AV Datasheet HTML 4Page - ON Semiconductor LB11685AV Datasheet HTML 5Page - ON Semiconductor LB11685AV Datasheet HTML 6Page - ON Semiconductor LB11685AV Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11685AV
No.A1772-2/7
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended Supply voltage
VCC
12.0
V
Operating supply voltage
VCC op
4.5 to 18.0
V
Electrical Characteristics at Ta
= 25°C, VCC = 5.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC
FC1 = FC2 = 0V
5
10
20
mA
Internal regulate voltage
VREG
3.0
3.3
3.6
V
Output voltage (source)
VOSOUR
IO = 0.8A *3
1.3
1.7
V
Output voltage (sink)
VOSINK
IO = 0.8A *3
0.5
1.3
V
Current limiter
VOLIM
0.268
0.300
0.332
V
MCOM pin
common-input voltage range
VINCOM
0
VCC - 2
V
MCOM pin
Source current for hysteresis
ICOM+
MCOM = 7V
30
80
μA
MCOM pin
Sink current for hysteresis
ICOM-
MCOM = 7V
30
80
μA
MCOM pin
hysteresis current ratio
RTCOM
RTCOM = ICOM+ / ICOM-
0.6
1.4
VCO input bias current
IVCO
VCO = 2.3V
0.2
μA
VCO oscillation minimum
frequency
fVCOmin
VCO = 2.1V, CX = 0.015μF
Design target *2
930
Hz
VCO oscillation maximum
frequency
fVCOmax
VCO = 2.7V, CX = 0.015μF
Design target *2
8.6
kHz
CX charge / discharge current
ICX
VCO = 2.5V, CX = 1.6V
70
100
140
μA
CX hysteresis voltage
ΔVCX
0.35
0.55
0.75
C1 (C2) charge current
IC1(2)+
VCO = 2.5V, C1(2) = 1.3V
12
20
28
μA
C1 (C2) discharge current
IC1(2)-
VCO = 2.5V, C1(2) = 1.3V
12
20
28
μA
C1 (C2) charge / discharge
current ratio
RTC1(2)
RTC1(2) = IC1(2)+ / IC1(2)-
0.8
1.0
1.2
C1/C2 charge current ratio
RTCCHG
RTCCHG = IC1+ / IC2+
0.8
1.0
1.2
C1/C2 discharge current ratio
RTCDIS
RTCDIS = IC1- / IC2-
0.8
1.0
1.2
C1 (C2) cramp voltage width
VCW1(2)
1.0
1.3
1.6
V
FG output low level voltage
VFGL
IFG = 3mA
0.5
V
RD output low level voltage
VRDL
IRD = 3mA
0.5
v
Thermal shut down operating
temperature *1
TTSD
Junction temperature
Design target *2
150
180
°C
Thermal shut down hysteresis
temperature *1
ΔTTSD
Junction temperature
Design target *2
15
°C
*1: The thermal shut down circuit is built-in for protection from damage of IC. But its operation is out of Topr. Design thermal calculation at normal operation.
*2: Design target value and no measurement is made.
*3: The IO is a peak value of motor-current.


Số phần tương tự - LB11685AV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
ON Semiconductor
LB11685AV ONSEMI-LB11685AV Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
LB11685AV-W-AH ONSEMI-LB11685AV-W-AH Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
More results

Mô tả tương tự - LB11685AV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com