công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11685AV-TLM-H bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LB11685AV-TLM-H
Giải thích chi tiết về linh kiện  3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11685AV-TLM-H bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LB11685AV-TLM-H Datasheet HTML 1Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 2Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 3Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 4Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 5Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 6Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
71812 SY/61610 SY 20100604-S00001 No.A1772-1/7
http://onsemi.com
LB11685AV
Overview
The LB11685AV is a three-phase full-wave current-linear-drive motor driver IC. It adopts a sensor less control system
without the use of a Hall Effect device. For quieter operation, the LB11685AV features a current soft switching circuit
and be optimal for driving the cooling fan motors used in refrigerators, etc.
Functions
• Three-phase full-wave linear drive (Hall sensor-less method)
• Built-in current limiter circuit
• Built-in three-phase output voltage control circuit
• Built-in motor lock protection circuit
• Motor lock protection detection output
• FG output made by back EMF
• Built-in thermal shut down circuit
• Beat lock prevention circuit
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
19
V
Input applied voltage
VIN max
-0.3 to VCC +0.3
V
Maximum output current
IO max *1
1.2
A
Allowable power dissipation
Pd max
Mounted on a board *2
1.05
W
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Junction temperature
Tj max
150
°C
*1: The IO is a peak value of motor-current.
*2: Specified board: 76.1mm
× 114.3mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
3-phase sensor less
Motor driver
Ordering number : ENA1772A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013


Số phần tương tự - LB11685AV-TLM-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
More results

Mô tả tương tự - LB11685AV-TLM-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com