công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11620T bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LB11620T
Giải thích chi tiết về linh kiện  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11620T bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LB11620T Datasheet HTML 1Page - ON Semiconductor LB11620T Datasheet HTML 2Page - ON Semiconductor LB11620T Datasheet HTML 3Page - ON Semiconductor LB11620T Datasheet HTML 4Page - ON Semiconductor LB11620T Datasheet HTML 5Page - ON Semiconductor LB11620T Datasheet HTML 6Page - ON Semiconductor LB11620T Datasheet HTML 7Page - ON Semiconductor LB11620T Datasheet HTML 8Page - ON Semiconductor LB11620T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LB11620T
No.A0662-2/11
Recommended Operating Ranges at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1-1
VCC1-1
VCC pin
8 to 17
V
Supply voltage range 1-2
VCC1-2
VCC pin, with VCC shorted to VREG
4.5 to 5.5
V
Output current
IO
UL, VL, WL, UH, VH, WH pins
25
mA
5 V constant voltage output current
IREG
-30
mA
HP pin voltage
VHP
0 to 17
V
HP pin output current
IHP
0 to 15
mA
RD pin voltage
VRD
0 to 17
V
RD pin output current
IRD
0 to 15
mA
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage 1
ICC1
12
16
mA
5V constant voltage output (VREG pin)
Output voltage
VREG
4.7
5.0
5.3
V
Line regulation
ΔVREG1
VCC = 8 to 17V
40
100
mV
Load regulation
ΔVREG2
IO = -5 to -20mA
10
30
mV
Temperature coefficient
ΔVREG3
Design target
0
mV/
°C
Low-voltage protection circuit (VREG pin)
Operating voltage
VSDL
3.5
3.7
3.9
V
Clear voltage
VSDH
3.95
4.15
4.35
V
Hysteresis
ΔVSD
0.3
0.45
0.6
V
Output Block
Output voltage 1-1
VOUT1-1
Low level IO = 400μA
0.2
0.5
V
Output voltage 1-2
VOUT1-2
Low level IO = 10mA
0.9
1.2
V
Output voltage 2
VOUT2
High level IO = -20mA
VCC-1.1
VCC-0.9
V
Output leakage current
IOleak
10
μA
Hall Amplifier Block
Input bias current
IHB (HA)
-2
-0.5
μA
Common-mode input voltage range 1
VICM1
When a Hall effect sensor is used
0.5
VCC-2.0
V
Common-mode input voltage range 2
VICM2
For single-sided input bias
(Hall IC application)
0
VCC
V
Hall input sensitivity
80
mVp-p
Hysteresis
ΔVIN (HA)
15
24
40
mV
Input voltage low
→ high
VSLH (HA)
5
12
20
mV
Input voltage high
→ low
VSHL (HA)
-20
-12
-5
mV
PWM Oscillator (PWM pin)
High-level output voltage
VOH (PWM)
2.75
3.0
3.25
V
Low-level output voltage
VOL (PWM)
1.2
1.35
1.5
V
External capacitor charge current
ICHG
VPWM = 2.1V
-120
-90
-65
μA
Oscillator frequency
f (PWM)
C = 2000pF
22
kHz
Amplitude
V (PWM)
1.4
1.6
1.9
Vp-p
Continued on next page


Số phần tương tự - LB11620T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620T SANYO-LB11620T Datasheet
153Kb / 13P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T ONSEMI-LB11620T Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T_08 Datasheet
153Kb / 13P
   Brushless Motor Driver
More results

Mô tả tương tự - LB11620T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T_08 Datasheet
153Kb / 13P
   Brushless Motor Driver
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com