công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11620T-TLM-E bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện LB11620T-TLM-E
Giải thích chi tiết về linh kiện  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11620T-TLM-E bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button LB11620T-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 9Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 10Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 11Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 12Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LB11620T
No.A0662-11/11
Current detection
resistor
To the RF pin
Pulse input
To the
PWMIN pin
LB11620T Functional Description
1. Output Drive Circuit
The LB11620T adopts direct PWM drive to minimize power loss in the outputs. The output transistors are always
saturated when on, and the motor drive power is adjusted by changing the on duty of the output. The output PWM
switching is performed on the UH, VH, and WH outputs. Since the UL to WL and UH to WH outputs have the same
output form, applications can select either low side PWM or high side PWM drive by changing the way the external
output transistors are connected. Since the reverse recovery time of the diodes connected to the non-PWM side of the
outputs is a problem, these devices must be selected with care. (This is because through currents will flow at the instant
the PWM side transistors turn on if diodes with a short reverse recovery time are not used.)
2. Current Limiter Circuit
The current limiter circuit limits the output current peak value to a level
determined by the equation I = VFR/Rf (VRF = 0.25V typical, Rf: current
detection resistor). This circuit suppresses the output current by reducing
the output on duty.
The current limiter circuit includes an internal filter circuit to prevent
incorrect current limiter circuit operation due to detecting the output diode
reverse recovery current due to PWM operation. Although there should be no problems with the internal filter circuit in
normal applications, applications should add an external filter circuit (such as an RC low-pass filter) if incorrect
operation occurs (if the diode reverse recovery current flows for longer than 1
μs).
3. Notes on the PWM Frequency
The PWM frequency is determined by the capacitor C (F) connected to the PWM pin.
fPWM ≈ 1/(22500 × C)
If a 2000pF capacitor is used, the circuit will oscillate at about 22kHz. If the PWM frequency is too low, switching
noise will be audible from the motor, and if it is too high, the output power loss will increase. Thus a frequency in the
range 15k to 50kHz must be used. The capacitor's ground terminal must be placed as close as possible to the IC’s
ground pin to minimize the influence of output noise and other noise sources.
4. Control Methods
The output duty can be controlled by either of the following methods
⋅ Control based on comparing the EI+ pin voltage to the PWM oscillator waveform
The low side output transistor duty is determined according to the result of comparing the EI+ pin voltage to the PWM
oscillator waveform. When the EI+ pin voltage is 1.35V or lower, the duty will be 0%, and when it is 3.0V or higher,
the duty will be 100%.
When EI+ pin voltage control is used, a low-level input must be applied to the PWMIN pin or that pin connected to
ground.
⋅ Pulse Control Using the PWMIN Pin
A pulse signal can be input to the PWMIN pin, and the output can be controlled based on the duty of that signal.
Note that the output is on when a low level is input to the PWMIN pin, and off when a high level is input. When the
PWMIN pin is open it goes to the high level and the output is turned off. If
inverted input logic is required, this can be implemented with an external
transistor (npn).
When controlling motor operation from the PWMIN pin, the EI+ pin must be
connected to the VREG pin.
Note that since the PWM oscillator is also used as the clock for internal circuits,
a capacitor (about 2000pF) must be connected to the PWM pin even if the
PWMIN pin is used for motor control.


Số phần tương tự - LB11620T-TLM-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
More results

Mô tả tương tự - LB11620T-TLM-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T_08 Datasheet
153Kb / 13P
   Brushless Motor Driver
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com