công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11683H-TLM-E bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LB11683H-TLM-E
Giải thích chi tiết về linh kiện  Three-Phase Sensorless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11683H-TLM-E bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LB11683H-TLM-E Datasheet HTML 1Page - ON Semiconductor LB11683H-TLM-E Datasheet HTML 2Page - ON Semiconductor LB11683H-TLM-E Datasheet HTML 3Page - ON Semiconductor LB11683H-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11683H-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11683H-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11683H-TLM-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
91907 MS PC B8-8741 No. A0954-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11683H
Overview
The LB11683H is a three-phase full-wave current-linear-drive motor driver IC. It adopts a sensorless control system
without the use of a Hall effect device. For quieter operation, the LB11683H features a current soft switching circuit
and is optimal for driving the cooling fan motors used in refrigerators, etc.
Functions
• Current linear drive
• Built-in current limiter circuit
• Output stage oversaturation prevention circuit
• Coil counter-electromotive FG output
• Built-in thermal shutdown circuit
• Beat lock prevention circuit
• Lock protection circuit
• Lock detection output
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
14.5
V
Output applied voltage
VO max
14.5
V
Input applied voltage
VI max
-0.3 to VCC+0.3
V
Output current
IO max
1.5
A
Pd max1
Independent IC
0.8
W
Allowable power dissipation
Pd max2
Mounted on a board *
1.85
W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
×76.1mm ×1.6mm, glass epoxy board.
Monolithic Digital IC
Three-Phase Sensorless Motor Driver
Ordering number : ENA0954
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Số phần tương tự - LB11683H-TLM-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results

Mô tả tương tự - LB11683H-TLM-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com