công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34932 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC34932
Giải thích chi tiết về linh kiện  Dual 5.0 A H-Bridge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34932 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34932 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34932
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 34932 has two identical H-Bridge drivers in the same
package. The only connection shared internally is the Analog
Ground (AGND). This description is given for the H-Bridge A
half of the total device. However, the H-Bridge B half exhibits
identical behavior.
Numerous protection and operational features (speed,
torque, direction, dynamic breaking, PWM control, and
closed-loop control) make the 34932 a very attractive, cost-
effective solution for controlling a broad range of small DC
motors. The 34932 outputs are capable of supporting peak
DC load currents of up to 5.0 A from a 28 V VPWR source. An
internal charge pump and gate drive circuitry are provided
which can support external PWM frequencies up to 11 kHz.
The 34932 has an analog feedback (current mirror) output
pin (the FB pin) which provides a constant-current source
ratioed to the active high side MOSFETs’ current. This can be
used to provide monitoring of output current to facilitate
closed-loop operation for motor speed/torque control, or for
the detection of open load conditions.
Two independent inputs, IN1 and IN2, provide control of
the two totem-pole half-bridge outputs. Two independent
disable inputs, D1 and EN/D2, provide the means to force the
H-bridge outputs to a high-impedance state (all H-bridge
switches OFF). The EN/D2 pin also controls an enable
function allowing the IC to be placed in a power-conserving
Sleep mode.
The 34932 has output current limiting (via constant OFF-
time PWM current regulation), output short-circuit detection
with latch-OFF, and overtemperature detection with latch-
OFF. Once the device is latched-OFF due to a fault condition,
either of the disable inputs (D1 or EN/D2), or VPWR must be
to clear the status flag.
Current limiting (Load Current Regulation) is
accomplished by a constant-OFF time PWM method using
current limit threshold triggering. The current limiting scheme
is unique in that it incorporates a junction temperature-
dependent current limit threshold. This means the current
limit threshold is reduced to around 4.2 A as the junction
temperature increases above 160 °C. When the temperature
is above 175 °C, overtemperature shutdown (latch-OFF)
occurs. This combination of features allows the device to
continue operating for short periods of time (<30 seconds)
with unexpected loads, while still retaining adequate
protection for both the device and the load.
FUNCTIONAL PIN DESCRIPTION
POWER GROUND AND ANALOG GROUND
(PGND AND AGND)
The power and analog ground pins should be connected
together with a very low-impedance connection.
POSITIVE POWER SUPPLY (VPWR)
VPWR pins are the power supply inputs to the device. All
VPWR pins must be connected together on the printed circuit
board with as short as possible traces, offering as low an
impedance as possible between pins.
STATUS FLAG (SF)
This pin is the device fault status output. This output is an
active LOW open drain structure requiring a pull-up resistor
to VDD. The maximum VDD is <7.0 V. Refer to Table 5, Truth
Table, for the SF Output status definition.
INPUT 1,2 AND DISABLE INPUT 1
(IN1, IN2, AND D1)
These pins are input control pins used to control the
outputs. These pins are 3.0 V/5.0 V CMOS-compatible
inputs with hysteresis. IN1 and IN2 independently control
OUT1 and OUT2, respectively. D1 input is used to tri-state
disable the H-Bridge outputs.
When D1 is SET (D1 = logic HIGH) in the disable state,
outputs OUT1 and OUT2 are both tri-state disabled; however,
the rest of the device circuitry is fully operational and the
supply IPWR(STANDBY) current is reduced to a few mA. Refer
to Table 3, Static Electrical Characteristics.
H-BRIDGE OUTPUT (OUT1, OUT2)
These pins are the outputs of the H-bridge with integrated
free-wheeling diodes. The bridge output is controlled using
the IN1, IN2, D1, and EN/D2 inputs. The outputs have PWM
current limiting above the ILIM threshold. The outputs also
have thermal shutdown (tri-state latch-OFF) with hysteresis
as well as short circuit latch-OFF protection.
A disable timer (time tB) is incorporated to distinguish
between load currents higher than the ILIM threshold and
short circuit currents. This timer is activated at each output
transition.
CHARGE PUMP CAPACITOR (CCP)
This pin is the charge pump output pin and connection for
the external charge pump reservoir capacitor. The allowable
value is from 30 to 100 nF. This capacitor must be connected
from the CCP pin to the VPWR pin. The device cannot
operate properly without the external reservoir capacitor.


Số phần tương tự - MC34932

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC34932EK NXP-MC34932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34932SEK NXP-MC34932SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

Mô tả tương tự - MC34932

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com