công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34932 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC34932
Giải thích chi tiết về linh kiện  Dual 5.0 A H-Bridge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34932 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34932 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34932
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device. These parameters are not production tested.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Normal Operation (Steady-state)
Transient Overvoltage(1)
VPWR(SS)
VPWR(T)
-0.3 to 28
-0.3 to 40
V
Logic Input Voltage(2)
VIN
-0.3 to 7.0
V
SFA
, SFB Output(3)
V SF
-0.3 to 7.0
V
Continuous Output Current(4)
IOUT(CONT)
5.0
A
ESD Voltage(5)
Human Body Model
Machine Model
Charge Device Model
Corner Pins
All Other Pins
VESD1
VESD2
±2000
±200
±750
±500
V
THERMAL RATINGS
Storage Temperature
TSTG
- 65 to 150
°C
Operating Temperature(6)
Ambient
Junction
TA
TJ
-40 to 85
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(7), (8)
TPPRT
Note 8
°C
Approximate Junction-to Case Thermal Resistance(9)
RTHJC
<1.0
°C/W
Notes
1.
Device survives repetitive transient overvoltage conditions for durations not to exceed 500 ms at duty cycle not to exceed 5.0%. External
protection is required to prevent device damage in case of a reverse power condition.
2.
Exceeding the maximum input voltage on IN1, IN2, IN3, IN4, EN/D2, EN/D4, D1, or D3 may cause a malfunction or permanent damage
to the device.
3.
Exceeding the pull-up resistor voltage on the open drain SFA or SFB pin may cause permanent damage to the device.
4.
Continuous output current capability is dependent on sufficient package heatsinking to keep junction temperature
≤150
°C.
5.
ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), Machine Model (CZAP = 200 pF,
RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
6.
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking provided. Brief
non-repetitive excursions of junction temperature above 150
°C can be tolerated, provided the duration does not exceed 30 seconds
maximum. (Non-repetitive events are defined as not occurring more than once in 24 hours.)
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
9.
Exposed heatsink pad plus the power and ground pins comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values varies depending on solder thickness and composition and copper trace thickness and area. Maximum current at maximum die
temperature represents ~16 W of conduction loss heating in the diagonal pair of output MOSFETs. Therefore, the RθJA must be
<5.0
°C/W for maximum current at 70 °C ambient. Module thermal design must be planned accordingly.


Số phần tương tự - MC34932

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC34932EK NXP-MC34932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34932SEK NXP-MC34932SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

Mô tả tương tự - MC34932

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com