công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UZR1C100MCL1GB bảng dữ liệu(PDF) 1 Page - Nichicon corporation

tên linh kiện UZR1C100MCL1GB
Giải thích chi tiết về linh kiện  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHICON [Nichicon corporation]
Trang chủ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UZR1C100MCL1GB bảng dữ liệu(HTML) 1 Page - Nichicon corporation

  UZR1C100MCL1GB Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
Z
2
R
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Capacitance tolerance (
±20%)
Rated capacitance (10
µF)
Rated voltage (16V)
Series name
Type
Plastic platform
Series
Capacitance
Voltage (C : 16V)
Lot No.
Positive
Negative
0.3 MAX.
3.90
+0.05
–0.2
C
±0.2
0.5 to 0.8
ZR
series
3.95mmL MAX. Chip Type
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
ZR
ZS
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
4
4
5
6.3
28
33
56
96
4
5
5
6.3
28
37
45
70
5
5
6.3
33
41
52
4
5
6.3
6.3
23
37
49
58
4
5
6.3
6.3
16
27
42
52
4
5
6.3
18
29
46
4
4
4
4
4
4
4
5
6.3
1.0
2.0
2.8
4.0
8.4
13
17
20
33
Rated
ripple
4
0G
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
V
Code
Rated ripple current (mArms) at 85°C 120Hz
φD
A
B
C
E
4
1.8
4.3
4.3
1.0
5
2.1
5.3
5.3
1.3
6.3
2.4
6.6
6.6
2.2
(mm)
Cap. (
µF)
Smaller
Smaller
Stability at Low
Temperature
Resistance to
soldering heat
Z–40°C / Z+20°C
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Marking
Performance Characteristics
Item
– 40 to +85°C
4 to 50V
0.1 to 220µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA) , whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan
δ (MAX.)
4
0.50
4
7
15
6.3
0.30
6.3
4
8
10
0.24
10
3
8
16
0.19
16
2
4
25
0.16
25
2
4
35
0.14
35
2
3
50
0.14
50
2
3
120Hz 20°C
120Hz
Impedance ratio
ZT / Z20 (MAX.)
Z–25°C / Z+20°C
After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause
4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
The capacitors are kept on a hot plate for 30 seconds, which is maintained at
250°C. The capacitors shall meet the characteristic requirements listed at right
when they are removed from the plate and restored to 20°C.
Black print on the case top.
Shelf Life
Endurance
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 85°C.
Capacitance change
Leakage current
tan
δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan
δ
Within ±30% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Chip type with 3.95mmLMAX height.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU).
ZD
Voltage
V
4
6.3
10
16
25
35
50
Code
g
j
A
C
E
V
H
Case size
φ D (mm)
Taping specifications are given in page 23.
Recommended land size soldering by reflow are given
in page 18,19.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.70
1.00
1.17
1.36
1.50
CAT.8100C


Số phần tương tự - UZR1C100MCL1GB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
UZR1C100MCL NICHICON-UZR1C100MCL Datasheet
41Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Mô tả tương tự - UZR1C100MCL1GB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com