công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1026 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện ADM1026
Giải thích chi tiết về linh kiện  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  ADM1026 Datasheet HTML 1Page - ON Semiconductor ADM1026 Datasheet HTML 2Page - ON Semiconductor ADM1026 Datasheet HTML 3Page - ON Semiconductor ADM1026 Datasheet HTML 4Page - ON Semiconductor ADM1026 Datasheet HTML 5Page - ON Semiconductor ADM1026 Datasheet HTML 6Page - ON Semiconductor ADM1026 Datasheet HTML 7Page - ON Semiconductor ADM1026 Datasheet HTML 8Page - ON Semiconductor ADM1026 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
ADM1026
http://onsemi.com
3
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
6.5
V
Voltage on +12 VIN Pin
+20
V
Voltage on −12 VIN Pin
−20
V
Voltage on Analog Pins
−0.3 to (VCC + 0.3)
V
Voltage on Open-drain Digital Pins
−0.3 to +6.5
V
Input Current at Any Pin
5
mA
Package Input Current
20
mA
Maximum Junction Temperature (TJMAX)
150
C
Storage Temperature Range
−65 to +150
C
Lead Temperature, Soldering
Vapor Phase (60 sec)
Infrared (15 sec)
215
200
C
ESD Rating
−12 VIN Pin
All Other Pins
1000
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
Table 2. THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
48-lead LQFP
50
10
C/W
Table 3. PIN ASSIGNMENT
Pin No.
Mnemonic
Type
Description
1
GPIO9
Digital I/O
General-purpose I/O pin that can be configured as digital inputs or outputs.
2
GPIO8
Digital I/O
General-purpose I/O pin that can be configured as digital inputs or outputs.
3
FAN0/GPIO0
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
4
FAN1/GPIO1
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
5
FAN2/GPIO2
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
6
FAN3/GPIO3
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
7
3.3 V MAIN
Analog Input
Monitors the main 3.3 V system supply. Does not power the device.
8
DGND
Ground
Ground pin for digital circuits.
9
FAN4/GPIO4
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
10
FAN5/GPIO5
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
11
FAN6/GPIO6
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
12
FAN7/GPIO7
Digital I/O
Fan tachometer input with internal 10 kW pullup resistor to 3.3 V STBY. Can be
reconfigured as a general-purpose, open drain, digital I/O pin.
13
SCL
Digital Input
Open Drain Serial Bus Clock. Requires a 2.2 kW pullup resistor.
14
SDA
Digital I/O
Serial Bus Data. Open drain I/O. Requires a 2.2 kW pullup resistor.
15
ADD/NTESTOUT
Digital Input
This is a three-state input that controls the two LSBs of the serial bus address. It
also functions as the output for NAND tree testing.
16
CI
Digital Input
An active high input that captures a chassis intrusion event in Bit 6 of Status
Register 4. This bit remains set until cleared, as long as battery voltage is applied
to the VBAT input, even when the ADM1026 is powered off.


Số phần tương tự - ADM1026

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026JST AD-ADM1026JST Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JST ONSEMI-ADM1026JST Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026JST-REEL AD-ADM1026JST-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results

Mô tả tương tự - ADM1026

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com