công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1026 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện ADM1026
Giải thích chi tiết về linh kiện  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  ADM1026 Datasheet HTML 1Page - ON Semiconductor ADM1026 Datasheet HTML 2Page - ON Semiconductor ADM1026 Datasheet HTML 3Page - ON Semiconductor ADM1026 Datasheet HTML 4Page - ON Semiconductor ADM1026 Datasheet HTML 5Page - ON Semiconductor ADM1026 Datasheet HTML 6Page - ON Semiconductor ADM1026 Datasheet HTML 7Page - ON Semiconductor ADM1026 Datasheet HTML 8Page - ON Semiconductor ADM1026 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
ADM1026
http://onsemi.com
2
PIN ASSIGNMENT
ADM1026
TOP VIEW
PIN 1
FAN0/GPIO0
FAN1/GPIO1
FAN2/GPIO2
FAN3/GPIO3
3.3V MAIN
FAN4/GPIO4
FAN5/GPIO5
FAN6/GPIO6
FAN7/GPIO7
AIN5(0V – 3V)
AIN6(0V – 2.5V)
AIN7(0V – 2.5V)
+VCCP
+12 VIN
–12 VIN
+5 VIN
VBAT
D2+/AIN8(0V – 2.5V)
D2–/AIN9(0V – 2.5V)
D1+
D1-/NTESTIN
GPIO9
GPIO8
DGND
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Figure 1. Functional Block Diagram
D2–/AIN9 (0V - +2.5V)
D2+/AIN8 (0V - +2.5V)
AIN7 (0V - +2.5V)
AIN6 (0V - +2.5V)
TO GPIO
REGISTERS
100k
100k
VCC
VCC
VCC
FAN
SPEED
COUNTER
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
GPIO
REGISTERS
SERIAL BUS
INTERFACE
ADDRESS
POINTER
REGISTER
BAND GAP
TEMPERATURE
SENSOR
AUTOMATIC
FAN SPEED
CONTROL
8k BYTES
EEPROM
8−BIT
ADC
BAND GAP
REFERENCE
VBAT
+5 VIN
–12 VIN
+12 VIN
+VCCP
AIN0 (0V - +3V)
AIN1 (0V - +3V)
AIN2 (0V - +3V)
AIN3 (0V - +3V)
AIN4 (0V - +3V)
AIN5 (0V - +3V)
D1+
D1–/NTESTIN
DGND
DAC
AGND
VREF (1.82V OR 2.5V)
SCL
SDA
3.3V MAIN
ADD/ NTESTOUT
FAN 7/GPIO7
FAN 6/GPIO6
FAN 5/GPIO5
FAN 4/GPIO4
FAN 3/GPIO3
FAN 2/GPIO2
FAN 1/GPIO1
FAN 0/GPIO0
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
GPIO8
PWM
3.3V STBY
GPIO16/THERM
CI
ADM1026
INT
RESET IN
VCC
VCC
100k
RESETMAIN
RESETSTBY
PWM REGISTER
AND CONTROLLER
LIMIT
COMPARATORS
INT MASK
REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
VALUE AND
LIMIT
REGISTERS
3.3V MAIN
RESET
GENERATOR
3.3V STBY
RESET
GENERATOR
INTERRUPT
STATUS
REGISTERS
ANALOG
OUTPUT REGISTER
AND 8−BIT DAC


Số phần tương tự - ADM1026

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026JST AD-ADM1026JST Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JST ONSEMI-ADM1026JST Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026JST-REEL AD-ADM1026JST-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results

Mô tả tương tự - ADM1026

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com