công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A63157DCKR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A63157DCKR
Giải thích chi tiết về linh kiện  12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A63157DCKR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A63157DCKR Datasheet HTML 1Page - Texas Instruments TS5A63157DCKR Datasheet HTML 2Page - Texas Instruments TS5A63157DCKR Datasheet HTML 3Page - Texas Instruments TS5A63157DCKR Datasheet HTML 4Page - Texas Instruments TS5A63157DCKR Datasheet HTML 5Page - Texas Instruments TS5A63157DCKR Datasheet HTML 6Page - Texas Instruments TS5A63157DCKR Datasheet HTML 7Page - Texas Instruments TS5A63157DCKR Datasheet HTML 8Page - Texas Instruments TS5A63157DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
3
4
6
2
1
YEP OR YZP PACKAGE
(BOTTOM VIEW)
GND
NC
NO
COM
IN
5
V+
APPLICATIONS
DESCRIPTION
TS5A63157
www.ti.com................................................................................................................................................... SCDS203A – DECEMBER 2005 – REVISED JULY 2009
12-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
2
• Overshoot and Undershoot Voltage Protection
• Isolation in Powered-Off Mode, V
+ = 0
• Specified Break-Before-Make Switching
• Low ON-State Resistance (12 Ω)
• Control Inputs Are 5-V Tolerant
• Low Charge Injection
• Excellent ON-State Resistance Matching
SUMMARY OF CHARACTERISTICS
V+ = 5 V, TA = 25°C
• Low Total Harmonic Distortion (THD)
Single 2:1 Multiplexer/
• 1.65-V to 5.5-V Single-Supply Operation
Configuration
Demultiplexer (1 × SPDT)
• Latch-Up Performance Exceeds 100 mA Per
Number of channels
1
JESD 78, Class II
ON-state resistance (ron)
12
• ESD Performance Tested Per JESD 22
ON-state resistance match (
Δron)
0.15
2000-V Human-Body Model (A114-B,
ON-state resistance flatness (ron(flat))
6
Class II)
Turn-on/turn-off time (tON/tOFF)
5.7 ns/3.8 ns
1000-V Charged-Device Model (C101)
Break-before-make time (tBBM)
0.5 ns
Charge injection (QC)
7 pC
Bandwidth (BW)
250 MHz
• Sample-and-Hold Circuits
OFF isolation (OISO)
–57 dB at 10 MHz
• Battery-Powered Equipment
Crosstalk (XTALK)
–54 dB at 10 MHz
• Audio and Video Signal Routing
Total harmonic distortion (THD)
0.01%
• Communication Circuits
Leakage current (INO(OFF)/INC(OFF))
±1
µA
Power-supply current (I+)
10
µA
Undershoot protection
–2 V
The
TS5A63157
is
a
single-pole,
double-throw
Overshoot protection
V+ + 2 V
(SPDT) analog switch designed to operate from
6-pin SOT-23, SC-70, and
1.65 V to 5.5 V. This device can handle both digital
Package options
DSBGA
and analog signals. Signals up to V+ (peak) can be
transmitted in either direction.
FUNCTION TABLE
TI
has
integrated
overshoot
and
undershoot
NC TO COM,
NO TO COM,
protection
circuitry.
The
TS5A63157
senses
IN
COM TO NC
COM TO NO
overshoot and undershoot events at the I/Os and
L
ON
OFF
responds by preventing voltage differentials from
H
OFF
ON
developing and turning the switch on.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS5A63157DCKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A63157DCKR TI-TS5A63157DCKR Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
TS5A63157DCKRE4 TI-TS5A63157DCKRE4 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS5A63157DCKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com