công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AC04N bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
SN74AC04N bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54AC04, SN74AC04 HEX INVERTERS SCAS519E − JULY 1995 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 6-V V CC Operation D Inputs Accept Voltages to 6 V D Max t pd of 7 ns at 5 V SN54AC04 ...FK PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A NC − No internal connection 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y SN54AC04 ...J OR W PACKAGE SN74AC04 ...D, DB, N, NS, OR PW PACKAGE (TOP VIEW) description/ordering information The ‘AC04 devices contain six independent inverters. The devices perform the Boolean function Y = A. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74AC04N SN74AC04N SOIC D Tube SN74AC04D AC04 SOIC − D Tape and reel SN74AC04DR AC04 −40 °C to 85°C SOP − NS Tape and reel SN74AC04NSR AC04 40 C to 85 C SSOP − DB Tape and reel SN74AC04DBR AC04 TSSOP PW Tube SN74AC04PW AC04 TSSOP − PW Tape and reel SN74AC04PWR AC04 CDIP − J Tube SNJ54AC04J SNJ54AC04J −55 °C to 125°C CFP − W Tube SNJ54AC04W SNJ54AC04W 55 C to 125 C LCCC − FK Tube SNJ54AC04FK SNJ54AC04FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each inverter) INPUT OUTPUT INPUT A OUTPUT Y H L L H PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SN74AC04N |
|
Mô tả tương tự - SN74AC04N |