công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM319MX bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM319MX
Giải thích chi tiết về linh kiện  High Speed Dual Comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM319MX bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM319MX Datasheet HTML 1Page - Texas Instruments LM319MX Datasheet HTML 2Page - Texas Instruments LM319MX Datasheet HTML 3Page - Texas Instruments LM319MX Datasheet HTML 4Page - Texas Instruments LM319MX Datasheet HTML 5Page - Texas Instruments LM319MX Datasheet HTML 6Page - Texas Instruments LM319MX Datasheet HTML 7Page - Texas Instruments LM319MX Datasheet HTML 8Page - Texas Instruments LM319MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings
LM319A/319 (Note 9)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage
36V
Output to Negative Supply Voltage
36V
Ground to Negative Supply Voltage
25V
Ground to Positive Supply Voltage
18V
Differential Input Voltage
±5V
Input Voltage (Note 10)
±15V
Power Dissipation (Note 11)
500 mW
Output Short Circuit Duration
10 sec
ESD rating (1.5 k
Ω in series with
100 pF)
800V
Storage Temperature Range
−65˚C to 150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Operating Temperature Range
LM319A, LM319
0˚C to 70˚C
Electrical Characteristics (Note 12)
Parameter
Conditions
LM319A
LM319
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (Note 13)
T
A = 25˚C, RS ≤ 5k
0.5
1.0
2.0
8.0
mV
Input Offset Current (Note 13)
T
A = 25˚C
20
40
80
200
nA
Input Bias Current
T
A = 25˚C
150
500
250
1000
nA
Voltage Gain
T
A = 25˚C (Note 15)
20
40
8
40
V/mV
Response Time (Note 14)
T
A = 25˚C, VS = ±15V
80
80
ns
Saturation Voltage
V
IN ≤ −10 mV, IOUT =25 mA
T
A = 25˚C
0.75
1.5
0.75
1.5
V
Output Leakage Current
V
IN ≥ 10 mV, VOUT = 35V,
V
−=VGND = 0V, T
A = 25˚C
0.2
10
0.2
10
µA
Input Offset Voltage (Note 13)
R
S ≤ 5k
10
10
mV
Input Offset Current (Note 13)
300
300
nA
Input Bias Current
1000
1200
nA
Input Voltage Range
V
S = ±15V
±13
±13
V
V
+ = 5V, V= 0
13
13
V
Saturation Voltage
V
+
≥ 4.5V, V= 0
0.3
0.4
0.3
0.4
V
V
IN ≤ −10 mV, ISINK ≤ 3.2 mA
Differential Input Voltage
±5
±5V
Positive Supply Current
T
A = 25˚C, V
+ = 5V, V= 0
4.3
4.3
mA
Positive Supply Current
T
A = 25˚C, VS = ±15V
8
12.5
8
12.5
mA
Negative Supply Current
T
A = 25˚C, VS = ±15V
3
5
3
5
mA
Note 10: For supply voltages less than ±15 the absolute maximum input voltage is equal to the supply voltage.
Note 11: The maximum junction temperature of the LM319A and LM319 is 85˚C. For operating at elevated temperatures, devices in the H10 package must be de-
rated based on a thermal resistance of 160˚C/W, junction to ambient, or 19˚C/W, junction to case. The thermal resistance of the N14 and J14 package is 100˚C/W,
junction to ambient. The thermal resistance of the M14 package is 115˚C/W, junction to ambient.
Note 12: These specifications apply for VS = ±15V, and 0˚C ≤ TA ≤ 70˚C, unless otherwise stated. The offset voltage, offset current and bias current specifications
apply for any supply voltage from a single 5V supply up to ±15V supplies. Do not operate the device with more than 16V from ground to VS.
Note 13: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply witha1mA load. Thus, these
parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
Note 14: The response time specified is for a 100 mV input step with 5 mV overdrive.
Note 15: Output is pulled up to 15V through a 1.4 k
Ω resistor.
www.national.com
3


Số phần tương tự - LM319MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
LM319MX/NOPB TI1-LM319MX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
More results

Mô tả tương tự - LM319MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com