công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1192IRSMT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1192IRSMT
Giải thích chi tiết về linh kiện  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1192IRSMT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1192IRSMT Datasheet HTML 1Page - Texas Instruments ADS1192IRSMT Datasheet HTML 2Page - Texas Instruments ADS1192IRSMT Datasheet HTML 3Page - Texas Instruments ADS1192IRSMT Datasheet HTML 4Page - Texas Instruments ADS1192IRSMT Datasheet HTML 5Page - Texas Instruments ADS1192IRSMT Datasheet HTML 6Page - Texas Instruments ADS1192IRSMT Datasheet HTML 7Page - Texas Instruments ADS1192IRSMT Datasheet HTML 8Page - Texas Instruments ADS1192IRSMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Control
Oscillator
SPI
Test Signals and
Monitors
RLD
Reference
REF
ADC1
ADC2
A1
A2
MUX
To Channel
ADS1191
ADS1192
www.ti.com
SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012
Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Check for Samples: ADS1191, ADS1192
The ADS1191/2 incorporate all of the features that
1
FEATURES
are
commonly
required
in
portable,
low-power
23
Two Low-Noise PGAs and
medical electrocardiogram (ECG), sports, and fitness
Two High-Resolution ADCs (ADS1192)
applications.
Low Power: 335
μW/channel
With its high levels of integration and exceptional
Input-Referred Noise: 24
μVPP
performance, the ADS1191/2 family enables the
(150-Hz BW, G = 6)
creation of scalable medical instrumentation systems
at significantly reduced size, power, and overall cost.
Input Bias Current: 1 nA
Data Rate: 125 SPS to 8 kSPS
The ADS1191/2 have a flexible input multiplexer per
channel that can be independently connected to the
CMRR: –95 dB
internally-generated signals for test, temperature, and
Programmable Gain: 1, 2, 3, 4, 6, 8, or 12
lead-off detection. Additionally, any configuration of
Supplies: Unipolar or Bipolar
input channels can be selected for derivation of the
right leg drive (RLD) output signal. The ADS1191/2
Analog: 2.7 V to 5.25 V
operate at data rates up to 8 kSPS. Lead-off
Digital: 1.7 V to 3.6 V
detection can be implemented internal to the device,
Built-In Right Leg Drive Amplifier, Lead-Off
using
the
device
internal
excitation
current
Detection, Test Signals
sink/source.
Built-In Oscillator and Reference
The devices are packaged in a 5-mm × 5-mm, 32-pin
Flexible Power-Down, Standby Mode
thin quad flat pack (TQFP). Operating temperature is
specified from –40°C to +85°C.
SPI™-Compatible Serial Interface
Operating Temperature Range: –40°C to +85°C
APPLICATIONS
Medical Instrumentation (ECG) including:
Patient monitoring; Holter, event, stress,
and vital signs including ECG, AED,
telemedicine
Sports and fitness (heart rate, respiration,
and ECG)
DESCRIPTION
The
ADS1191/2
are
a
family
of
multichannel,
simultaneous
sampling,
16-bit,
delta-sigma
(
ΔΣ)
analog-to-digital converters (ADCs) with a built-in
programmable
gain
amplifier
(PGA),
internal
reference, and an onboard oscillator.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS1192IRSMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1192IRSMT TI1-ADS1192IRSMT Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Mô tả tương tự - ADS1192IRSMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com