công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC0802LCMX bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
DAC0802LCMX bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 20 page DAC0800, DAC0802 www.ti.com SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013 Electrical Characteristics The following specifications apply for VS = ±15V, IREF = 2 mA and TMIN ≤ TA ≤ TMAX unless otherwise specified. Output characteristics refer to both IOUT and IOUT. DAC0800L/ DAC0802LC DAC0800LC Parameter Test Conditions Units Min Typ Max Min Typ Max Resolution 8 8 8 8 8 8 Bits Monotonicity 8 8 8 8 8 8 Bits Nonlinearity ±0.1 ±0.19 %FS To ±½ LSB, All Bits Switched “ON” 100 135 ns or “OFF”, TA=25°C ts Settling Time DAC0800L 100 135 ns DAC0800LC 100 150 ns tPLH, Propagation Delay TA=25°C tPHL Each Bit 35 60 35 60 ns All Bits Switched 35 60 35 60 ns TCIFS Full Scale Tempco ±10 ±50 ±10 ±50 ppm/°C Full Scale Current Change <½ VOC Output Voltage Compliance −10 18 −10 18 V LSB, ROUT>20 MΩ, Typical VREF = 10.000V, IFS4 Full Scale Current R14 = R15 = 5.000 k Ω, 1.984 1.992 2.00 1.94 1.99 2.04 mA TA=25°C IFSS Full Scale Symmetry IFS4−IFS2 ±0.5 ±4.0 ±1 ±8.0 μA IZS Zero Scale Current 0.1 1.0 0.2 2.0 μA V− = −5V 0 2.0 2.1 0 2.0 2.1 IFSR Output Current Range mA V− = −8V to −18V 0 2.0 4.2 0 2.0 4.2 Logic Input Levels VLC = 0V VIL Logic “0” 0.8 0.8 V VIH Logic “1” 2.0 2.0 V Logic Input Current VLC = 0V IIL Logic “0” −10V ≤ VIN ≤ +0.8V −2.0 −10 −2.0 −10 μA IIH Logic “1” 2V ≤ VIN ≤ +18V 0.002 10 0.002 10 μA VIS Logic Input Swing V− = −15V −10 18 −10 18 V VTHR Logic Threshold Range VS = ±15V −10 13.5 −10 13.5 V I15 Reference Bias Current −1.0 −3.0 −1.0 −3.0 μA dl/dt Reference Input Slew Rate (Figure 26) 4.0 8.0 4.0 8.0 mA/ μs Positive Power Supply PSSIFS+ 4.5V ≤ V+ ≤ 18V 0.0001 0.01 0.0001 0.01 %/% Sensitivity Negative Power Supply PSSIFS− −4.5V ≤ V− ≤ 18V, IREF = 1mA 0.0001 0.01 0.0001 0.01 %/% Sensitivity I+ 2.3 3.8 2.3 3.8 mA Power Supply Current VS = ±5V, IREF = 1 mA I − −4.3 −5.8 −4.3 −5.8 mA I+ 2.4 3.8 2.4 3.8 mA Power Supply Current VS = +5V, −15V, IREF = 2 mA I − −6.4 −7.8 −6.4 −7.8 mA I+ 2.5 3.8 2.5 3.8 mA Power Supply Current VS = ±15V, IREF = 2 mA I − −6.5 −7.8 −6.5 −7.8 mA ±5V, IREF = 1 mA 33 48 33 48 mW PD Power Consumption +5V, −15V, IREF = 2 mA 108 136 108 136 mW ±15V, IREF = 2 mA 135 174 135 174 mW Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: DAC0800 DAC0802 |
Số phần tương tự - DAC0802LCMX |
|
Mô tả tương tự - DAC0802LCMX |