công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC-08EP bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện DAC-08EP
Giải thích chi tiết về linh kiện  DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC-08EP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DAC-08EP Datasheet HTML 1Page - Texas Instruments DAC-08EP Datasheet HTML 2Page - Texas Instruments DAC-08EP Datasheet HTML 3Page - Texas Instruments DAC-08EP Datasheet HTML 4Page - Texas Instruments DAC-08EP Datasheet HTML 5Page - Texas Instruments DAC-08EP Datasheet HTML 6Page - Texas Instruments DAC-08EP Datasheet HTML 7Page - Texas Instruments DAC-08EP Datasheet HTML 8Page - Texas Instruments DAC-08EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DAC0800, DAC0802
www.ti.com
SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013
DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
Check for Samples: DAC0800, DAC0802
1
FEATURES
DESCRIPTION
The DAC0800 series are monolithic 8-bit high-speed
2
Fast Settling Output Current: 100 ns
current-output
digital-to-analog
converters
(DAC)
Full Scale Error: ±1 LSB
featuring typical settling times of 100 ns. When used
Nonlinearity Over Temperature: ±0.1%
as a multiplying DAC, monotonic performance over a
40 to 1 reference current range is possible. The
Full Scale Current Drift: ±10 ppm/°C
DAC0800 series also features high compliance
High Output Compliance:
−10V to +18V
complementary current outputs to allow differential
Complementary Current Outputs
output voltages of 20 Vp-p with simple resistor loads.
The reference-to-full-scale current matching of better
Interface Directly with TTL, CMOS, PMOS and
than ±1 LSB eliminates the need for full-scale trims in
Others
most applications, while the nonlinearities of better
2 Quadrant Wide Range Multiplying Capability
than ±0.1% over temperature minimizes system error
Wide Power Supply Range: ±4.5V to ±18V
accumulations.
Low Power Consumption: 33 mW at ±5V
The noise immune inputs will accept a variety of logic
Low Cost
levels. The performance and characteristics of the
device are essentially unchanged over the ±4.5V to
±18V power supply range and power consumption at
only 33 mW with ±5V supplies is independent of logic
input levels.
The
DAC0800,
DAC0802,
DAC0800C
and
DAC0802C are a direct replacement for the DAC-08,
DAC-08A, DAC-08C, and DAC-08H, respectively. For
single supply operation, refer to AN-1525.
Typical Application
Pin numbers represent the PDIP package. The SOIC package pin numbers differ from that of the PDIP package.
Figure 1. ±20 VP-P Output Digital-to-Analog Converter
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC-08EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC-08EP NSC-DAC-08EP Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results

Mô tả tương tự - DAC-08EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC0800LCM TI-DAC0800LCM Datasheet
1Mb / 20P
[Old version datasheet]   DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com