công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG707BRU bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADG707BRU
Giải thích chi tiết về linh kiện  CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG707BRU bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADG707BRU Datasheet HTML 3Page - Analog Devices ADG707BRU Datasheet HTML 4Page - Analog Devices ADG707BRU Datasheet HTML 5Page - Analog Devices ADG707BRU Datasheet HTML 6Page - Analog Devices ADG707BRU Datasheet HTML 7Page - Analog Devices ADG707BRU Datasheet HTML 8Page - Analog Devices ADG707BRU Datasheet HTML 9Page - Analog Devices ADG707BRU Datasheet HTML 10Page - Analog Devices ADG707BRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–7–
REV. A
VD OR VS, DRAIN OR SOURCE VOLTAGE – V
0
0
15
23
4
1
TA = 25 C
VSS = GND
VDD = 2.7V
VDD = 3.3V
VDD = 4.5V
VDD = 5.5V
2
3
4
5
6
7
8
TPC 1. ON Resistance as a Function
of VD (VS) for Single Supply
0
30
TA = 25 C
–2
11
2
3
VDD = +2.5V
VSS = –2.5V
8
7
6
5
4
1
2
3
VD OR VS, DRAIN OR SOURCE VOLTAGE – V
TPC 4. ON Resistance as a Function
of VD (VS) for Dual Supply
VD (VD = VDD – VS) – V
0.3
0.2
–0.2
01
5
23
4
0.1
0
–0.1
VDD = 3V
VSS = 0V
TA = 25 C
ID, IS (ON)
IS (OFF)
ID (OFF)
–0.3
TPC 7. Leakage Currents as a Function
of VD (VS)
8
7
0
01
5
23
4
6
5
4
+85 C
–40 C
VDD = 5V
VSS = 0V
1
2
3
+25 C
VD OR VS, DRAIN OR SOURCE VOLTAGE – V
TPC 2. ON Resistance as a Function
of VD (VS) for Different Temperatures,
Single Supply
VD OR VS , DRAIN OR SOURCE VOLTAGE – V
0
0.5
7
6
5
4
3
2
1
0
1.0
1.5
2.0
2.5
3.0
8
–40 C
+25 C
+85 C
VDD = 3V
VSS = 0V
TPC 5. ON Resistance as a Function
of VD (VS) for Different Temperatures,
Single Supply
VDD = +2.5V
VSS = –2.5V
TA = 25 C
VD (VD = VDD – VS) – V
0.3
0.2
–0.3
0.1
0
–0.2
ID, IS (ON)
IS (OFF)
ID (OFF)
–0.1
–2.75
0
–2.00 –1.00
1.00
2.00
2.75
TPC 8. Leakage Currents as a Function
of VD (VS)
VDD = +2.5V
VSS = –2.5V
2.75
0
2.00
1.00
1.00
2.00 2.75
+85 C
+25 C
–40 C
5
4
0
3
2
1
6
7
8
VD OR VS, DRAIN OR SOURCE VOLTAGE – V
TPC 3. ON Resistance as a Function
of VD (VS) for Different Temperatures,
Dual Supply
VD (VD = VDD – VS) – V
0.3
0.2
0.2
01
5
23
4
0.1
0
0.1
VDD = 5V
VSS = 0V
TA = 25 C
ID, IS (ON)
IS (OFF)
ID (OFF)
TPC 6. Leakage Currents as a Function
of VD (VS)
S1
VS
VDD
GND
D
VDD
VSS
EN**
A0
A1
A2
A3
VOUT
RL
50
ADG706*
S16
*SIMILAR CONNECTION FOR ADG707
**CONNECT TO 2.4V FOR BANDWIDTH MEASUREMENTS
OFF ISOLATION = 20LOG10(VOUT/VS)
INSERTION LOSS = 20LOG10
VOUT WITH SWITCH
VOUT WITHOUT SWITCH)
(
VSS
50
TPC 9. Leakage Currents as a Function
of Temperature
ADG706/ADG707
Typical Performance Characteristics–


Số phần tương tự - ADG707BRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG707BRU AD-ADG707BRU Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
ADG707BRU AD-ADG707BRU Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRU AD-ADG707BRU Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com