công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4360-7 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
ADF4360-7 bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 28 page AD8348 Rev. A | Page 3 of 28 SPECIFICATIONS VS = 5 V, TA = 25oC, FLO = 380 MHz, FIF = 381 MHz, PLO = −10 dBm, RS (LO) = 50 Ω, RS (IFIP and MXIP/MXIN) = 200 Ω, unless otherwise noted. Table 1. Parameter Conditions Min Typ Max Unit OPERATING CONDITIONS LO Frequency Range External input = 2 × LO frequency 100 2000 MHz IF Frequency Range 50 1000 MHz Baseband Bandwidth 75 MHz LO Input Level 50 Ω source −12 −10 0 dBm VSUPPLY (VS) 2.7 5.5 V Temperature Range −40 +85 °C IF FRONT END WITH VGA IFIP to IMXO (QMXO), ENVG = 5 V, IMXO/QMXO load = 1.5 kΩ Input Impedance Measured differentially across MXIP/MXIN 200||1.1 Ω||pF Gain Control Range 44 dB Maximum Conversion Voltage Gain VGIN = 0.2 V (maximum voltage gain) 25.5 dB Minimum Conversion Voltage Gain VGIN = 1.2 V (minimum voltage gain) −18.5 dB 3 dB Bandwidth 500 MHz Gain Control Linearity VGIN = 0.4 V (+21 dB) to 1.1 V (−14 dB) ±0.5 dB IF Gain Flatness FIF = 380 MHz ± 5% (VGIN = 1.2 V) 0.1 dB p-p FIF = 900 MHz ± 5% (VGIN = 1.2 V) 1.3 dB p-p Input 1 dB Compression Point (P1dB) VGIN = 0.2 V (maximum gain) −22 dBm VGIN = 1.2 V (maximum gain) +13 dBm Second-Order Input Intercept (IIP2) IF1 = 385 MHz, IF2 = 386 MHz +3 dBm each tone from 200 Ω source, 65 dBm VGIN = 1.2 V (minimum gain) −42 dBm each tone from 200 Ω source, 18 dBm VGIN = 0.2 V (maximum gain) Third-Order Input Intercept (IIP3) IF1 = 381 MHz, IF2 = 381.02 MHz Each tone 10 dB below P1dB from 200 Ω source, 28 dBm VGIN = 1.2 V (minimum gain) Each tone 10 dB below P1dB from 200 Ω source, −8 dBm VGIN = 0.2 V (maximum gain) LO Leakage Measured at IFIP, IFIN −80 dBm Measured at IMXO/QMXO (LO = 50 MHz) −60 dBm Demodulation Bandwidth Small signal 3 dB bandwidth 75 MHz Quadrature Phase Error1 LO = 380 MHz (LOIP/LOIN 760 MHz) −0.7 ±0.1 +0.7 Degrees vs. temperature −0.0032 °/°C vs. baseband frequency (dc to 30 MHz) +0.01 °/MHz I/Q Amplitude Imbalance1 −0.3 ±0.05 +0.3 dB vs. temperature 0 dB/°C vs. baseband frequency (dc to 30 MHz) ±0.0125 dB Noise Figure (Double Sideband) Maximum gain, from 200 Ω source, FIF = 380 MHz 10.75 dB Mixer Output Impedance 40 Ω Capacitive Load Shunt from IMXO, QMXO to VCMO 0 10 pF Resistive Load Shunt from IMXO, QMXO to VCMO 200 1.5 kΩ Mixer Peak Output Current 2.5 mA |
Số phần tương tự - ADF4360-7 |
|
Mô tả tương tự - ADF4360-7 |