công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8036AR-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD8036AR-REEL
Giải thích chi tiết về linh kiện  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8036AR-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD8036AR-REEL Datasheet HTML 1Page - Analog Devices AD8036AR-REEL Datasheet HTML 2Page - Analog Devices AD8036AR-REEL Datasheet HTML 3Page - Analog Devices AD8036AR-REEL Datasheet HTML 4Page - Analog Devices AD8036AR-REEL Datasheet HTML 5Page - Analog Devices AD8036AR-REEL Datasheet HTML 6Page - Analog Devices AD8036AR-REEL Datasheet HTML 7Page - Analog Devices AD8036AR-REEL Datasheet HTML 8Page - Analog Devices AD8036AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8036/AD8037
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Voltage Swing
× Bandwidth Product . . . . . . . . . . . 350 V-MHz
|VH–VIN| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤ 6.3 V
|VL–VIN| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤ 6.3 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline Package (SO) . . . . . . . . . . . . . . . . . . 0.9 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP:
θ
JA = 90
°C/W
8-Lead SOIC:
θ
JA = 155
°C/W
8-Lead Cerdip:
θJA = 110°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these
devices is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change
in the stresses exerted on the die by the package. Exceeding
a junction temperature of 175
°C for an extended period can
result in device failure.
While the AD8036 and AD8037 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (150
°C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to observe
the maximum power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
010
–10
–20
–30
20 30
40
50
60
70
90
AMBIENT TEMPERATURE – C
TJ = +150 C
8-LEAD PLASTIC DIP
PACKAGE
8-LEAD SOIC
PACKAGE
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
METALIZATION PHOTO
Dimensions shown in inches and (mm).
Connect Substrate to –VS.
AD8036
8036
AD8037
8037
+IN
–VS
OUT
–IN
+VS
VH
VL
+IN
–VS
OUT
–IN
+VS
VH
VL
45
3
2
87
2
8
7
6
6
3
45
0.050 (1.27)
0.046
(1.17)
0.050 (1.27)
0.046
(1.17)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8036AN
–40
°C to +85°C Plastic DIP
N-8
AD8036AR
–40
°C to +85°C SOIC
SO-8
AD8036AR-REEL
–40
°C to +85°C 13" Tape and Reel SO-8
AD8036AR-REEL7 –40
°C to +85°C 7" Tape and Reel
SO-8
AD8036ACHIPS
–40
°C to +85°CDie
AD8036-EB
Evaluation Board
5962-9559701MPA –55
°C to +125°C Cerdip
Q-8
AD8037AN
–40
°C to +85°C Plastic DIP
N-8
AD8037AR
–40
°C to +85°C SOIC
SO-8
AD8037AR-REEL
–40
°C to +85°C 13" Tape and Reel SO-8
AD8037AR-REEL7 –40
°C to +85°C 7" Tape and Reel
SO-8
AD8037ACHIPS
–40
°C to +85°CDie
AD8037-EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8036/AD8037 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Số phần tương tự - AD8036AR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8036AR-REEL AD-AD8036AR-REEL Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036AR-REEL AD-AD8036AR-REEL Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036AR-REEL AD-AD8036AR-REEL Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036AR-REEL7 AD-AD8036AR-REEL7 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036AR-REEL7 AD-AD8036AR-REEL7 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results

Mô tả tương tự - AD8036AR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com