công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7686CRMRL7 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7686CRMRL7
Giải thích chi tiết về linh kiện  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7686CRMRL7 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7686CRMRL7 Datasheet HTML 3Page - Analog Devices AD7686CRMRL7 Datasheet HTML 4Page - Analog Devices AD7686CRMRL7 Datasheet HTML 5Page - Analog Devices AD7686CRMRL7 Datasheet HTML 6Page - Analog Devices AD7686CRMRL7 Datasheet HTML 7Page - Analog Devices AD7686CRMRL7 Datasheet HTML 8Page - Analog Devices AD7686CRMRL7 Datasheet HTML 9Page - Analog Devices AD7686CRMRL7 Datasheet HTML 10Page - Analog Devices AD7686CRMRL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7686
Rev. B | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF 1
VDD 2
IN+ 3
IN– 4
GND 5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD7686
TOP VIEW
(Not to Scale)
Figure 5. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9SDI
8SCK
7SDO
6CNV
TOP VIEW
(Not to Scale)
AD7686
Figure 6. 10-Lead QFN (LFCSP) Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. This pin should
be decoupled closely to the pin with a 10 μF capacitor.
2
VDD
P
Power Supply.
3
IN+
AI
Analog Input. It is referred to IN−. The voltage range, that is, the difference between IN+ and IN−, is 0 V to VREF.
4
IN−
AI
Analog Input Ground Sense. It is connected to the analog ground plane or to a remote sense ground.
5
GND
P
Power Supply Ground.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the conversions and
selects the interface mode, chain, or CS. In CS mode, it enables the SDO pin when low. In chain mode,
the data should be read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the part is selected, the conversion result is shifted out by this clock.
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of the ADC as
follows:
Chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a data
input to daisy-chain the conversion results of two or more ADCs onto a single SDO line. The digital
data level on SDI is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV can
enable the serial output signals when low. If SDI or CNV is low when the conversion is completed,
the busy indicator feature is enabled.
10
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V, 2.5 V,
3 V, or 5 V).
1AI = analog input, DI = digital input, DO = digital output, and P = power.


Số phần tương tự - AD7686CRMRL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7686CRMZRL7 AD-AD7686CRMZRL7 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
More results

Mô tả tương tự - AD7686CRMRL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7683BRMZ AD-AD7683BRMZ Datasheet
404Kb / 16P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com