công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5547 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5547
Giải thích chi tiết về linh kiện  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5547 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5547 Datasheet HTML 1Page - Analog Devices AD5547 Datasheet HTML 2Page - Analog Devices AD5547 Datasheet HTML 3Page - Analog Devices AD5547 Datasheet HTML 4Page - Analog Devices AD5547 Datasheet HTML 5Page - Analog Devices AD5547 Datasheet HTML 6Page - Analog Devices AD5547 Datasheet HTML 7Page - Analog Devices AD5547 Datasheet HTML 8Page - Analog Devices AD5547 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Current Output, Parallel Input, 16-/14-Bit
Multiplying DACs with 4-Quadrant Resistors
Data Sheet
AD5547/AD5557
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual channel
16-bit resolution: AD5547
14-bit resolution: AD5557
2- or 4-quadrant, 6.8 MHz BW multiplying DAC
±1 LSB DNL
±1 LSB INL
Operating supply voltage: 2.7 V to 5.5 V
Low noise: 12 nV/√Hz
Low power: I
DD = 10 µA max
0.5 µs settling time
Built-in R
FB facilitates current-to-voltage conversion
Built-in 4-quadrant resistors allow 0 V to –10 V, 0 V to +10 V,
or ±10 V outputs
2 mA full-scale current ± 20%, with V
REF = 10 V
Extended automotive operating temperature range
−40°C to +125°C
Selectable zero-scale/midscale power-on presets
Compact 38-lead TSSOP package
APPLICATIONS
Automatic test equipment
Instrumentation
Digitally controlled calibration
Digital waveform generation
FUNCTIONAL BLOCK DIAGRAM
DAC A
D0..D15
OR
D0..D13
DAC A
DAC B
ADDR
DECODE
INPUT
REGISTER
RS
DAC A
REGISTER
RS
DAC B
REGISTER
RS
POWER
ON
RESET
VDD
RCOMB
RCOMA
R1A
ROFSA
VREFA
R1B
ROFSB
RFBA
AGNDA
AGNDB
VREFB
IOUTA
RFBB
IOUTB
D0 TO D15
(AD5547)
D0 TO D13
(AD5557)
A0, A1
MSB
LDAC
DGND
WR
RS
INPUT
REGISTER
RS
DAC B
AD5547/AD5557
Figure 1.
GENERAL DESCRIPTION
The AD5547/AD5557 are dual precision, 16-/14-bit, multiplying,
low power, current-output, parallel input, digital-to-analog
converters (DACs). They are designed to operate from single
+5 V supply with ±10 V multiplying references for 4-quadrant
outputs with 6.8 MHz bandwidth.
The built-in, 4-quadrant resistors facilitate resistance matching
and temperature tracking, which minimize the number of
components needed for multiquadrant applications. In addition,
the feedback resistor (RFB) simplifies the I-to-V conversion with
an external buffer.
The AD5547/AD5557 are available in a compact, 38-lead TSSOP
package and operate at the extended automotive temperature
range of −40°C to +125°C.
VREF
–VREF
–VREF TO +VREF
U1
C1
R1A
16/14 DATA
RCOMA
R1
R2
ROFSA
RFBA
C2
RFB
ROFS
16-/14-BIT
DAC A
MSB A0, A1
2
POWER-ON
RESET
AD5547/AD5557
IOUTA
AGNDA
(ONE CHANNEL SHOWN ONLY)
U2
VOUTA
VREFA
MSB
A0, A1
LDAC
WR
RS
WR
RS
LDAC
Figure 2. 16-/14-Bit 4-Quadrant Multiplying DAC with Minimum of External Components (Only One Channel Is Shown)


Số phần tương tự - AD5547

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547 AD-AD5547 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5547 AD-AD5547 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5547 AD-AD5547 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5547 AD-AD5547 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Mô tả tương tự - AD5547

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com