công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD707AQ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD707AQ
Giải thích chi tiết về linh kiện  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD707AQ bảng dữ liệu(HTML) 6 Page - Analog Devices

  AD707AQ Datasheet HTML 1Page - Analog Devices AD707AQ Datasheet HTML 2Page - Analog Devices AD707AQ Datasheet HTML 3Page - Analog Devices AD707AQ Datasheet HTML 4Page - Analog Devices AD707AQ Datasheet HTML 5Page - Analog Devices AD707AQ Datasheet HTML 6Page - Analog Devices AD707AQ Datasheet HTML 7Page - Analog Devices AD707AQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD707
REV. B
–6–
OPERATION WITH A GAIN OF 100
Demonstrating the outstanding dc precision of the AD707 in
practical applications, Table I shows an error budget calculation
for the gain of –100 configuration shown in Figure 21.
Table I. Error Budget
Maximum Error Contribution
Av = 100 (C Grade)
Error Source
(Full Scale: VOUT = 10 V, VIN = 100 mV)
VOS
15
µV/100 mV
= 150 ppm
IOS
(100
Ω)(1 nA)/100 mV
=
1 ppm
Gain (2 k
Ω Load) (100 V/8 × 106)100 mV
= 13 ppm
Noise
0.35
µV/100 mV
=
4 ppm
VOS Drift
(0.1 V/
°C)/100 mV
=
1 ppm/
°C
= 168 ppm
+1 ppm/
°C
Total Unadjusted Error
@ +25
°C
= 168 ppm > 12 Bits
@ –55
°C to +125°C
= 268 ppm > 11 Bits
With Offset Calibrated Out
@ +25
°C
= 17 ppm > 15 Bits
@ –55
°C to +125°C
= 117 ppm > 13 Bits
6
2
3
+VS
AD707
0.1µF
–VS
4
99
VOUT
0.1µF
7
VIN
10k
100
Figure 21. Gain of –100 Configuration
Although the initial offset voltage of the AD707 is very low, it is
nonetheless the major contributor to system error. In cases
requiring additional accuracy, the circuit shown in Figure 19
can be used to null out the initial offset voltage. This method
will also cancel the effects of input offset current error. With the
offsets nulled, the AD707C will add less than 17 ppm of error.
This error budget assumes no error in the resistor ratio and no
errors from power supply variation (the 120 dB minimum PSRR
of the AD707C makes this a good assumption). The external
resistors can cause gain error from mismatch and drift over
temperature.
OFFSET NULLING
The input offset voltage of the AD707 is the lowest available in
a bipolar op amp, but if additional nulling is required, the
circuit shown in Figure 19 offers a null range of 200
µV. For
wider null capability, omit R1 and substitute a 20 k
Ω potenti-
ometer for R2.
6
2
3
8
R2
2k
1
R1
10k
0.1µF
+VS
7
AD707
0.1µF
–VS
4
OFFSET
ADJUST
Figure 19. External Offset Nulling and Power Supply
Bypassing
GAIN LINEARITY INTO A 1 k
Ω LOAD
The gain and gain linearity of the AD707 are the highest
available among monolithic bipolar amplifiers. Unlike other dc
precision amplifiers, the AD707 shows no degradation in gain or
gain linearity when driving loads in excess of 1 k
Ω over a ±10 V
output swing. This means high gain accuracy is assured over the
output range. Figure 20 shows the gain of the AD707, OP07, and
the OP77 amplifiers when driving a 1 k
Ω load.
The AD707 will drive 10 mA of output current with no signifi-
cant effect on its gain or linearity.
OUTPUT VOLTAGE – V
–15
15
–10
–5
0
5
10
AD707
OP07
OP77
@ +25
°C
RLOAD = 1kΩ
Figure 20. Gain Linearity of the AD707 vs.
Other DC Precision Op Amps


Số phần tương tự - AD707AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD707AQ AD-AD707AQ Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

Mô tả tương tự - AD707AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com