công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD669AR bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD669AR
Giải thích chi tiết về linh kiện  Monolithic 16-Bit DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD669AR bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD669AR Datasheet HTML 4Page - Analog Devices AD669AR Datasheet HTML 5Page - Analog Devices AD669AR Datasheet HTML 6Page - Analog Devices AD669AR Datasheet HTML 7Page - Analog Devices AD669AR Datasheet HTML 8Page - Analog Devices AD669AR Datasheet HTML 9Page - Analog Devices AD669AR Datasheet HTML 10Page - Analog Devices AD669AR Datasheet HTML 11Page - Analog Devices AD669AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD669
REV. A
–11–
NOISE
In high resolution systems, noise is often the limiting factor. A
16-bit DAC with a 10 volt span has an LSB size of 153
µV
(–96 dB). Therefore, the noise floor must remain below this
level in the frequency range of interest. The AD669’s noise
spectral density is shown in Figures 12 and 13. Figure 12 shows
the DAC output noise voltage spectral density for a 20 V span
excluding the reference. This figure shows the l/f corner frequency
at 100 Hz and the wideband noise to be below 120 nV/
√Hz.
Figure 13 shows the reference noise voltage spectral density.
This figure shows the reference wideband noise to be below
125 nV/
√Hz.
1000
1
11M
100
10
10
100k
10k
1k
100
10M
FREQUENCY – Hz
Figure 12. DAC Output Noise Voltage Spectral Density
1000
1
1
1M
100
10
10
100k
10k
1k
100
10M
FREQUENCY – Hz
Figure 13. Reference Noise Voltage Spectral Density
BOARD LAYOUT
Designing with high resolution data converters requires careful
attention to board layout. Trace impedance is the first issue. A
306
µA current through a 0.5 Ω trace will develop a voltage
drop of 153
µV, which is 1 LSB at the 16-bit level for a 10 V
full-scale span. In addition to ground drops, inductive and ca-
pacitive coupling need to be considered, especially when high
accuracy analog signals share the same board with digital sig-
nals. Finally, power supplies need to be decoupled in order to
filter out ac noise.
Analog and digital signals should not share a common path.
Each signal should have an appropriate analog or digital return
routed close to it. Using this approach, signal loops enclose a
small area, minimizing the inductive coupling of noise. Wide PC
tracks, large gauge wire, and ground planes are highly recom-
mended to provide low impedance signal paths. Separate analog
and digital ground planes should also be utilized, with a single
interconnection point to minimize ground loops. Analog signals
should be routed as far as possible from digital signals and
should cross them at right angles.
One feature that the AD669 incorporates to help the user layout
is the analog pins (VCC, VEE, REF OUT, REF IN, SPAN/BIP
OFFSET, VOUT and AGND) are adjacent to help isolate analog
signals from digital signals.
SUPPLY DECOUPLING
The AD669 power supplies should be well filtered, well regu-
lated, and free from high frequency noise. Switching power sup-
plies are not recommended due to their tendency to generate
spikes which can induce noise in the analog system.
Decoupling capacitors should be used in very close layout prox-
imity between all power supply pins and ground. A 10
µF tanta-
lum capacitor in parallel with a 0.1
µF ceramic capacitor
provides adequate decoupling. VCC and VEE should be bypassed
to analog ground, while VLL should be decoupled to digital
ground.
An effort should be made to minimize the trace length between
the capacitor leads and the respective converter power supply
and common pins. The circuit layout should attempt to locate
the AD669, associated analog circuitry and interconnections as
far as possible from logic circuitry. A solid analog ground plane
around the AD669 will isolate large switching ground currents.
For these reasons, the use of wire wrap circuit construction
is not recommended; careful printed circuit construction is
preferred.
GROUNDING
The AD669 has two pins, designated analog ground (AGND)
and digital ground (DGND.) The analog ground pin is the
“high quality” ground reference point for the device. Any exter-
nal loads on the output of the AD669 should be returned to
analog ground. If an external reference is used, this should also
be returned to the analog ground.
If a single AD669 is used with separate analog and digital
ground planes, connect the analog ground plane to AGND and
the digital ground plane to DGND keeping lead lengths as short
as possible. Then connect AGND and DGND together at the
AD669. If multiple AD669s are used or the AD669 shares ana-
log supplies with other components, connect the analog and
digital returns together once at the power supplies rather than at
each chip. This single interconnection of grounds prevents large
ground loops and consequently prevents digital currents from
flowing through the analog ground.


Số phần tương tự - AD669AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD669AR AD-AD669AR Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669AR AD-AD669AR Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669AR AD-AD669AR Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results

Mô tả tương tự - AD669AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD75089 AD-AD75089 Datasheet
387Kb / 8P
   MONOLITHIC OCTAL 12-BIT DACPORT
REV. 0
AD766 AD-AD766_15 Datasheet
313Kb / 8P
   16-Bit DSP DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com