công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG609BR bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG609BR
Giải thích chi tiết về linh kiện  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG609BR bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG609BR Datasheet HTML 1Page - Analog Devices ADG609BR Datasheet HTML 2Page - Analog Devices ADG609BR Datasheet HTML 3Page - Analog Devices ADG609BR Datasheet HTML 4Page - Analog Devices ADG609BR Datasheet HTML 5Page - Analog Devices ADG609BR Datasheet HTML 6Page - Analog Devices ADG609BR Datasheet HTML 7Page - Analog Devices ADG609BR Datasheet HTML 8Page - Analog Devices ADG609BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
3 V/5 V, 4/8 Channel High
Performance Analog Multiplexers
ADG608/ADG609
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The ADG608 and ADG609 are monolithic CMOS analog mul-
tiplexers comprising eight single channels and four differential
channels respectively, fully specified for
±5 V, +5 V and +3 V
power supplies. The ADG608 switches one of eight inputs to a
common output as determined by the 3-bit binary address lines
A0, A1 and A2. The ADG609 switches one of four differential
inputs to a common differential output as determined by the
2-bit binary address lines A0 and A1. An EN input on both de-
vices is used to enable or disable the device. When disabled, all
channels are switched OFF. All the address and enable inputs
are TTL compatible over the full specified operating tempera-
ture range, making the parts suitable for bus-controlled systems
such as data acquisition systems, process controls, avionics and
ATEs since the TTL compatible address inputs simplify the digital
interface design and reduce the board space requirements.
The ADG608/ADG609 are designed on an enhanced LC
2MOS
process that provides low power dissipation yet gives high
switching speed and low on resistance. Each channel conducts
equally well in both directions when ON and has an input signal
range which extends to the supplies. In the OFF condition, sig-
nal levels up to the supplies are blocked. All channels exhibit
break-before-make switching action preventing momentary
shorting when switching channels. Inherent in the design is low
charge injection for minimum transients when switching the
digital inputs.
The ability to operate from single +3 V, +5 V or
±5 V bipolar
supplies makes the ADG608 and ADG609 perfect for use in
battery operated instruments and with the new generation of
DACs and ADCs from Analog Devices. The use of 5 V sup-
plies and reduced operating currents gives much lower power
dissipation than devices operating from
±15 V supplies.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG608/ADG609 are fabricated on an enhanced
LC
2MOS process giving an increased signal range which
extends to the supplies.
2. Low Power Dissipation
3. Low RON
4. Fast Switching Times
5. Break-Before-Make Switching
Switches are guaranteed break-before-make so that input
signals are protected against momentary shorting.
6. Single/Dual Supply Operation
ORDERING GUIDE
Model
Temperature Range
Package Option*
ADG608BN
– 40
°C to +85°C
N-16
ADG608BR
– 40
°C to +85°C
R-16A
ADG608BRU
– 40
°C to +85°C
RU-16
ADG608TRU
– 55
°C to +125°C
RU-16
ADG609BN
–40
°C to +85°C
N-16
ADG609BR
–40
°C to +85°C
R-16A
ADG609BRU
–40
°C to +85°C
RU-16
*N = Plastic DIP; RU = Thin Shrink Small Outline Package (TSSOP);
R = 0.15" Small Outline IC (SOIC).
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
A1 A2 EN
1 OF 8
DECODER
ADG608
S1A
A0
DA
A1
S4A
S1B
S4B
DB
EN
1 OF 4
DECODER
ADG609
FEATURES
+3 V, +5 V,
5 V Power Supplies
VSS to VDD Analog Signal Range
Low On Resistance (30
max)
Fast Switching Times
tON 75 ns max
tOFF 45 ns max
Low Power Dissipation (1.5
W max)
Break-Before-Make Construction
ESD > 5000 V as per Military Standard 3015.7
TTL and CMOS Compatible Inputs
APPLICATIONS
Automatic Test Equipment
Data Acquisition Systems
Communication Systems
Avionics and Military Systems
Microprocessor Controlled Analog Systems
Medical Instrumentation
Battery Powered Instruments
Remote Powered Equipment
Compatible with
5 V DACs and ADCs such as
AD7840/8, AD7870/1/2/4/5/6/8


Số phần tương tự - ADG609BR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG609BR AD-ADG609BR Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results

Mô tả tương tự - ADG609BR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com