công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD0603-T24C bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện CD0603-T24C
Giải thích chi tiết về linh kiện  CD0603/CD1005-T Surface Mount TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-T24C bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  CD0603-T24C Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-T24C Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-T24C Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-T24C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
RoHS compliant*
Low capacitance - 15 pF
ESD protection per IEC 61000-4-2
Surge protection
Applications
Personal Digital Assistants (PDAs)
Mobile phones & accessories
Memory card protection
SIM card port protection
Portable electronics
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
CD0603/CD1005-T Surface Mount TVS Diode Series
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Parameter
Symbol
CD0603-T / CD1005-T Series
Unit
Package Power
PPK
100
mW
Storage Temperature
TSTG
-40 to +125
ºC
Operating Temperature
TOPR
-40 to +125
ºC
General Information
The markets for portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components. Bourns offers TVS Diodes for voltage reference applications, in compact
chip package 0603 or 1005 size formats, which offer PCB real estate savings and are
considerably smaller than most competitive parts. The TVS Diodes have a working
peak voltage range between 5.0 V and 24 V.
The device is designed to meet IEC 61000-4-5 (Surge) protection requirements.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard
pick and place equipment and their flat configuration minimizes roll away.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD0603-T / CD1005-T Series
Unit
05C
12C
24C
Minimum Breakdown Voltage @ 1 mA
VBR
5.1
13
25
V
Typical Breakdown Voltage @ 1 mA
VBR
717
28
V
Peak Pulse Current (tp = 8/20 µs)
IPPM
5.1
1
1
A
Maximum Working Peak Voltage
WWM
512
24
V
Maximum Leakage Current @ VWM
ID
2.0
µA
Maximum Clamping Voltage @ Max. IPP
VC
15
25
47
V
Maximum Junction Capacitance @ 0 V 1 MHz
CD
20
pF
Typical Junction Capacitance @ 0 V 1 MHz
CD
15
12
10
pF
ESD Protection per IEC 61000-4-2
Contact Discharge
Air Discharge
ESD
ESD
8
15
kV
kV
How to Order
CD 0603 - T 05 C
Common Code
Chip Diode
Package
• 0603
• 1005
Diode Series
T = TVS Diode
Working Peak Voltage
05 = 5 Volts
12 = 12 Volts
24 = 24 Volts
Directionality
C = Bidirectional
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Số phần tương tự - CD0603-T24C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD0603-T24C BOURNS-CD0603-T24C Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CD0603-T24C BOURNS-CD0603-T24C Datasheet
264Kb / 4P
   Surface Mount TVS Diode Series
More results

Mô tả tương tự - CD0603-T24C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-Z BOURNS-CD0603-Z Datasheet
422Kb / 6P
   CD0603/1005-Z Surface Mount Zener Diode Series
CD1005-B0520 BOURNS-CD1005-B0520 Datasheet
333Kb / 4P
   CD1005-B0520 - Surface Mount Schottky Barrier Diode
CD0603 BOURNS-CD0603_13 Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CD0603 BOURNS-CD0603_15 Datasheet
264Kb / 4P
   Surface Mount TVS Diode Series
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T33B BOURNS-CDDFN2-T33B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
   Surface Mount TVS Diode
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com