công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1208IB8-TK bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL1208IB8-TK
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208IB8-TK bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL1208IB8-TK Datasheet HTML 1Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 2Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 3Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 4Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 5Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 6Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 7Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 8Page - Intersil Corporation ISL1208IB8-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN8085.8
September 12, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and IRQ Pins (Note 3)
(respect to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7.0V
Voltage on X1 and X2 Pins
(respect to GND) . . . . . . . . . . . . . -0.5V to VDD + 0.5 (VDD Mode)
-0.5V to VBAT + 0.5 (VBAT Mode)
Latchup (Note 4) ................Class II, Level B @ +85°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W) θJC (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . .
95
N/A
MSOP Package . . . . . . . . . . . . . . . . . .
128
N/A
TDFN Package (Note 2). . . . . . . . . . . .
53.7
2.8
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. The VDD and SDA pins should not be subjected to negative voltage while the VBAT pin is biased, otherwise latchup can result. See the
Applications section.
4. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are using a negative pulse limited to -0.5V.
DC Operating Characteristics – RTC Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
UNITS
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
IDD1
Supply Current
VDD = 5V
5, 6
2
6
µA
VDD = 3V
1.2
4
µA
IDD2
Supply Current With I2C Active
VDD = 5V
5, 6
40
120
µA
IDD3
Supply Current (Low Power Mode)
VDD = 5V, LPMODE = 1
5
1.4
5
µA
IBAT
Battery Supply Current
VBAT = 3V
5
400
950
nA
ILI
Input Leakage Current on SCL
100
nA
ILO
I/O Leakage Current on SDA
100
nA
VTRIP
VBAT Mode Threshold
1.6
2.2
2.6
V
VTRIPHYS
VTRIP Hysteresis
10
30
75
mV
VBATHYS
VBAT Hysteresis
15
50
100
mV
IRQ/FOUT
VOL
Output Low Voltage
VDD = 5V
IOL = 3mA
0.4
V
VDD = 2.7V
IOL = 1mA
0.4
V
Power-Down Timing Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
UNITS
VDD SR-
VDD Negative Slewrate
7
10
V/ms
Serial Interface Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
NOTES
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
UNITS
SERIAL INTERFACE SPECS
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x
VDD
V
ISL1208


Số phần tương tự - ISL1208IB8-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1208IB8-TK INTERSIL-ISL1208IB8-TK Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
ISL1208IB8-TK INTERSIL-ISL1208IB8-TK Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1208IB8-TK RENESAS-ISL1208IB8-TK Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
More results

Mô tả tương tự - ISL1208IB8-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com