công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5-104655-8 bảng dữ liệu(PDF) 3 Page - Tyco Electronics

tên linh kiện 5-104655-8
Giải thích chi tiết về linh kiện  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104655-8 bảng dữ liệu(HTML) 3 Page - Tyco Electronics

  5-104655-8 Datasheet HTML 1Page - Tyco Electronics 5-104655-8 Datasheet HTML 2Page - Tyco Electronics 5-104655-8 Datasheet HTML 3Page - Tyco Electronics 5-104655-8 Datasheet HTML 4Page - Tyco Electronics 5-104655-8 Datasheet HTML 5Page - Tyco Electronics 5-104655-8 Datasheet HTML 6Page - Tyco Electronics 5-104655-8 Datasheet HTML 7Page - Tyco Electronics 5-104655-8 Datasheet HTML 8Page - Tyco Electronics 5-104655-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 321 page
background image
AMPMODU 2mm Connectors
AMPMODU 2mm Connectors (Board to Board) ……………………………………………65
Headers, Unshrouded, Double Row, Thru-Hole Mount ………………………………66, 67
Breakaway Headers, Unshrouded, Double Row, Thru-Hole Mount …………………68-70
Breakaway Headers, Unshrouded, Double Row, Surface Mount ……………………71, 72
Stacking Header, Unshrouded, Double Row, Thru-Hole Mount …………………………73
Headers, Shrouded, Double Row, Thru-Hole, Right-Angle Mount
…………………74, 75
Headers, Shrouded, Double Row, Surface Mount ……………………………………76, 77
Headers, Shrouded, Double Row, Thru-Hole Mount with Cable Shrouds
…………78, 79
Receptacles, Double Row, Thru-Hole, Vertical Mount…………………………………80, 81
Receptacles, Double Row, Surface Mount, Right-Angle Mount …………………………82
Receptacles, Double Row, Thru-Hole, Right-Angle Mount ………………………………83
Receptacles, Double Row, Surface Mount, Vertical Mount ………………………………84
.100 [2.54] x .100 [2.54] CENTERLINE
Introduction ………………………………………………………………………………85-87
Terms Explained ………………………………………………………………………………87
Wire Sizes………………………………………………………………………………………88
Contact Platings ………………………………………………………………………………88
Mating Post Lengths …………………………………………………………………………88
Application Tooling
…………………………………………………………………………88
Board-to-Board Solutions Guides, .100[2.54] Centerline Products …………………89
Wire-to-Board Solutions Guide, .100[2.54] Centerline Products………………………89
Mating Post Selection Guide ………………………………………………………………90
Parallel Stacking Guide for Board-to-Board Applications ……………………………91
Board-to-Board Products:
Unshrouded Headers
………………………………………………………………92-100
Breakaway and Retention Headers-Unshrouded
………………………………101-105
Reeled Breakaway Headers ………………………………………………………106, 107
Surface Mount Breakaway Headers ………………………………………………108-110
Unshrouded Stacking Headers- Breakaway
……………………………………111-113
Shrouded Headers …………………………………………………………………114-140
Standard Profile ……………………………………………………………………114-133
Low Profile …………………………………………………………………………134-140
Shrouded Stacking Headers ………………………………………………………141-144
ACTION PIN Headers ………………………………………………………………145-149
ACTION PIN Press-Fit Posts ………………………………………………………150, 151
Application Tooling for ACTION PIN Posts ……………………………………152, 153
ACTION PIN Stacking Connectors
………………………………………………154-161
Application Tooling for AMP ACTION PIN Stacking Connectors
…………………162
0.025 [0.64] Square Posts ………………………………………………………………163
0.025 [0.64] Square Continuous Posts ……………………………………………164, 165
0.045 [1.14] Square Continuous Posts ……………………………………………166, 167
Horizontal Mount Receptacle Assemblies, Mod II ………………………………168-173
Vertical Mount Receptacle Assemblies, Mod II & Mod IV ………………………174-184
Surface Mount Vertical Receptacles, Mod IV ……………………………………185-192
Two-Piece Printed Circuit Board Connectors ……………………………………193-202
Accessories …………………………………………………………………………203-205
Wire-to-Board Products:
Locking Clip Contacts and Housings
……………………………………………206-209
Mod IV Contacts and Housings ……………………………………………………210-220
Short Point Contacts and Housings ………………………………………………221-224
MTE Interconnection System ………………………………………………………225-250
Surface Mount MTE Headers (Right-Angle & Vertical) ………………………251, 252
Interchangeable Contacts, Wire Crimp (Snap-In) ……………………………253, 254
MT and Shielded MT Connectors …………………………………………………255-265
Mini-Tandem Spring Receptacle Contacts ………………………………………266-269
Application Tooling ……………………………………………………………………270-275
Technical Documents …………………………………………………………………276-278
3
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
Table of Contents (Continued)
AMPMODU Interconnection System
1
2
3
4
5
6
7
8
4
5


Số phần tương tự - 5-104655-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
5-104655-8 MACOM-5-104655-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Mô tả tương tự - 5-104655-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com