công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5-104655-8 bảng dữ liệu(PDF) 8 Page - Tyco Electronics

tên linh kiện 5-104655-8
Giải thích chi tiết về linh kiện  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104655-8 bảng dữ liệu(HTML) 8 Page - Tyco Electronics

Back Button 5-104655-8 Datasheet HTML 4Page - Tyco Electronics 5-104655-8 Datasheet HTML 5Page - Tyco Electronics 5-104655-8 Datasheet HTML 6Page - Tyco Electronics 5-104655-8 Datasheet HTML 7Page - Tyco Electronics 5-104655-8 Datasheet HTML 8Page - Tyco Electronics 5-104655-8 Datasheet HTML 9Page - Tyco Electronics 5-104655-8 Datasheet HTML 10Page - Tyco Electronics 5-104655-8 Datasheet HTML 11Page - Tyco Electronics 5-104655-8 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 321 page
background image
8
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
1
PC/104-Plus, Press-Fit
2.37
[60.30]
.315
[8.00]
Plugged
Circuit
(-3 or -6 only)
Plugged
Circuit
(-2 or -5 only)
.015
[0.39]
Sq.
Typ.
.020
[0.51]
Typ.
.079
[2.00]
.368
[9.35]
.483
±.013
[12.27
±0.34]
Typ.
Typ.
.079
[2.00]
.236
[6.00]
2.28
[58.0]
Recommended PC Board Layout
for 1375799-1, 1375799-4,
1375800-1, 1375800-4
.236
[6.00]
2.28
[58.0]
Recommended PC Board Layout
for 1375799-2, 1375799-5,
1375800-2, 1375800-5
.236
[6.00]
2.28
[58.0]
Recommended PC Board Layout
for 1375799-3, 1375799-6,
1375800-3, 1375800-6
Typ.
.079
[2.00]
.368
[9.35]
.112
±.013
[2.85
±0.34]
Typ.
Typ.
.079
[2.00]
2.37
[60.30]
.315
[8.00]
Plugged
Circuit
(-3 or -6 only)
Plugged
Circuit
(-2 or -5 only)
.015
[0.39]
See Customer Drawing for Hole Geometry and Recommended Plating.
(Including ENIG plated PCB's)
Stackthrough, No Standoffs
Gold plated contacts*
Part No. 1375799-1 (unkeyed)
Part No. 1375799-2 (keyed-A1) per PC/104-Plus specification
Part No. 1375799-3 (keyed-D30) per PC/104-Plus specification
Gold plated contacts with Tin plated compliant pin section**
Part No. 1375799-4 (unkeyed)
Part No. 1375799-5 (keyed-A1) per PC/104-Plus specification
Part No. 1375799-6 (keyed-D30) per PC/104-Plus specification
Non-Stackthrough, No Standoffs
Tin-lead plated tails*
Part No. 1375800-1 (unkeyed)
Part No. 1375800-2 (keyed-A1) per PC/104-Plus specification
Part No. 1375800-3 (keyed-D30) per PC/104-Plus specification
Matte tin plated tails**
Part No. 1375800-4 (unkeyed)
Part No. 1375800-5 (keyed-A1) per PC/104-Plus specification
Part No. 1375800-6 (keyed-D30) per PC/104-Plus specification
Note: All part numbers are RoHS compliant.
* For RoHS exempt Tin-lead processes (including ENIG Plated PCB’s)
** for Silver Immersion processes or where a total lead free solution is desired
Material and Finish
Housing — Glass filled thermoplastic,
Black, 94V-0 rated
Contacts
Stackthrough — Phosphor Bronze;
plated .000015 [0.00038] min. Gold on
mating receptacle end, .000005 [0.000130]
min. Gold on remainder, all over .000050
[0.00127] Nickel
or
Phosphor Bronze; plated .000015 [0.00038]
min. Gold on mating receptacle end,
.000100-.000200 [0.000254-.00508] matte
tin on compliant section, .000005
{0.000130] min. Gold on remainder of post,
all over .000050 [0.00127] Nickel
Non-Stackthrough — Phosphor Bronze;
plated .000015 [0.00038] min. Gold on
mating receptacle end, .000100 [0.00254]
matte tin or tin-lead on remainder, all over
.000050 [0.00127] Nickel
Screwlocks — Steel, Clear Chromate
over Zinc


Số phần tương tự - 5-104655-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
5-104655-8 MACOM-5-104655-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Mô tả tương tự - 5-104655-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com