công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPIRIT1QTR bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện SPIRIT1QTR
Giải thích chi tiết về linh kiện  Low data rate, low power sub-1GHZ transceiver
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SPIRIT1QTR bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPIRIT1QTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 9Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 10Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 11Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 12Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 13Page - List of Unclassifed Manufacturers SPIRIT1QTR Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
Typical application diagram and pin description
SPIRIT1
10/101
DocID022758 Rev 5
3
Typical application diagram and pin description
3.1
Typical application diagram
This section describes different application diagram of SPIRIT1 that can be used according
to customer needs. In particular
Figure 2 shows the default configuration, Figure 3 shows
the TX boost mode configuration and
Figure 4 shows the SMPS off configuration. The
default configuration is giving the best power consumption figures. The TX boost mode
configuration is used to increase TX output power and the SMPS off configuration is used to
enhance sensitivity at the expense of power consumption. When using SMPS off
configuration, SMPS should disabled by setting to1 bit DISABLE_SMPS in PM_CONFIG
register.
Figure 2. Suggested application diagram
1.8V÷3.6V power supply
C0
C13
1 GPIO_0
SDN 15
SMPS Ext1 14
SMPS Ext2 13
TX 12
GND_PA 11
2 MISO
3 MOSI
4 SCLK
5 CSn
SPIRIT1
DIE ATTACH PAD:
C9
C6
XTAL
C11
L7
Antenna
(50
Ω)
L0
L1
L2
L3
C1
C2
C3
C5
L4
C4
L5
C10
L6
C7
C8
C0
L8
C12
C13
C15
C14
L9
AM09258V1


Số phần tương tự - SPIRIT1QTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SPIRIT1 STMICROELECTRONICS-SPIRIT1 Datasheet
866Kb / 94P
   Low data rate, low power sub-1GHZ transceiver
More results

Mô tả tương tự - SPIRIT1QTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SPIRIT1 STMICROELECTRONICS-SPIRIT1 Datasheet
866Kb / 94P
   Low data rate, low power sub-1GHZ transceiver
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
   Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
logo
Rohm
BP3596 ROHM-BP3596 Datasheet
574Kb / 2P
   Low Power Sub-1GHz Radio Module
logo
Maxim Integrated Produc...
MAX7037 MAXIM-MAX7037 Datasheet
987Kb / 35P
   Sub-1GHz, Ultra-Low-Power, RF ISM Transceiver for Consumer/Industrial Applications
Rev 0; 9/16
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
   Low Power Wireless Transceiver Data Module
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com