công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-1415047-1 bảng dữ liệu(PDF) 1 Page - Tyco Electronics |
|
9-1415047-1 bảng dữ liệu(HTML) 1 Page - Tyco Electronics |
1 / 2 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 SCHRACK General Purpose Relays PCB Relays n 1 pole 16A, 1 form C (CO) or 1 form A (NO) contact n Ambient temperature 105°C n Sensitive coil 400mW n 5kV/10mm coil-contact n Reinforced insulation n WG version: Product in accordance to IEC 60335-1 Typical applications Oven control, cooking plate control Approvals VDE REG.-Nr. 6106, UL E214025, cCSAus 14385 Technical data of approved types on request Contact Data Contact arrangement 1 form C (CO) or 1 form A (NO) Rated voltage 250VAC Max. switching voltage 400VAC Rated current 16A1) Limiting continuous current, form A/form B 16 / 26A Limiting making current (form A contact) max. 4 s, duty factor 10 % 30A Breaking capacity max. 4000VA Contact material AgNi 90/10 Frequency of operation, with/without load 360/72000h-1 Operate/release time max. 8/6ms Bounce time max., form A/form B 4/6ms Contact ratings Type Contact Load Cycles IEC 61810 RTH14 A (NO) 10A, 250VAC resistive,105°C 150x103 RTH14 C (CO) 16A, 250VAC resistive, 105°C 10x103 RTH14 B (NC) 26A, 250VAC resistive, 85°C 500 RTH34 A (NO) 10A, 400VAC resistive, 105°C 150x103 RTHH4 A (NO) 10A, 250VAC resistive, 105°C 250x103 UL 508 RTH14 A/B (NO/NC) 16A, 250VAC, resistive, 105°C 30x103 RTH34 A (NO) 20A, 250VAC, general purpose, 105°C 6x103 Mechanical endurance >30x106 operations 1) Continuous thermal load >10A at 105°C requires reduction of coil power to 64% of rated power after 100ms Coil Data Coil voltage range 5 to 60VDC Operative range, IEC 61810 90...110% URTD Coil insulation system according UL1446 class F Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 009 9 6.3 0.9 203 3991) 012 12 8.4 1.2 360 4001) 024 24 16.8 2.4 1440 4001) 1) Continuous thermal load > 10 A at 105°C requires reduction of coil power to 64% of rated power after 100ms. All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. Insulation Data Initial dielectric strength between open contacts 1000Vrms between contact and coil 5000Vrms Clearance/creepage between contact and coil ≥10/10mm Material group of insulation parts IIIa Tracking index of relay base PTI250V Power PCB Relay RTH 105°C 16A F0220-D Z V b |
Số phần tương tự - 9-1415047-1 |
|
Mô tả tương tự - 9-1415047-1 |